Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVCH162601DGG Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74ALVCH162601DGG
Descripción Electrónicos  18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH162601DGG Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVCH162601DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH162601DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH162601DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH162601DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH162601DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH162601DGG Datasheet HTML 9Page - NXP Semiconductors 74ALVCH162601DGG Datasheet HTML 10Page - NXP Semiconductors 74ALVCH162601DGG Datasheet HTML 11Page - NXP Semiconductors 74ALVCH162601DGG Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1999 Oct 14
8
Philips Semiconductors
Product specification
18-bit universal bus transceiver with 30
termination resistor; 3-state
74ALVCH162601
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); voltages are referenced to GND (ground = 0 V).
Notes
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Above 55
°C the value of Ptot derates linearly with 8 mW/K.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
DC supply voltage
for max. speed performance
CL = 30 pF
2.3
2.5
2.7
V
for max. speed performance
CL = 50 pF
3.0
3.3
3.6
V
for low-voltage applications
1.2
2.4
3.6
V
VI
DC input voltage
0
VCC
V
VO
DC output voltage
0
VCC
V
Tamb
operating ambient temperature
in free air
−40
+85
°C
tr, tf
input rise and fall times
VCC = 2.3 to 3.0 V
0
20
ns/V
VCC = 3.0 to 3.6 V
0
10
ns/V
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
DC supply voltage
−0.5
+4.6
V
IIK
DC input diode current
VI <0
−−50
mA
VI
DC input voltage
note 1
−0.5
+4.6
V
IOK
DC output diode current
VO >VCC or VO <0
−±50
mA
VO
DC output voltage
note 1
−0.5
VCC + 0.5 V
IO
DC output source or sink current
VO =0toVCC
−±50
mA
ICC, IGND
DC VCC or GND current
−±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
for temperature range:
−40 to +125 °C;
note 2
600
mW


Número de pieza similar - 74ALVCH162601DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74ALVCH162601DGG NEXPERIA-74ALVCH162601DGG Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
More results

Descripción similar - 74ALVCH162601DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH162601 PHILIPS-74ALVCH162601_15 Datasheet
104Kb / 20P
   18-bit universal bus transceiver with 30 W termination resistor; 3-state
1999 Oct 14
logo
Nexperia B.V. All right...
74ALVCH162601 NEXPERIA-74ALVCH162601 Datasheet
233Kb / 15P
   18-bit universal bus transceiver with 30 Ω termination resistor; 3-state
Rev. 2 - 13 August 2018
logo
NXP Semiconductors
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
   18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
   18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
   18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
   18-bit universal bus transceiver 3-State
1998 Feb 27
logo
Nexperia B.V. All right...
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
   18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com