Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AME5136 Datasheet(Hoja de datos) 2 Page - Analog Microelectronics

No. de Pieza. AME5136
Descripción  Integrated White LED Driver With Organic LED Display Power Supply
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo 

 
 2 page
background image
AME, Inc.
2
Integrated White LED Driver With
Organic LED Display Power Supply
AME5136
n Function Block Diagram
Figure 3. AME5136 Function Block Diagram
L
Main Display
R
FB1
FB1
GND
Enable
Current
sensing
SW
CL
COMP
-
UVP
COMP
Logic
N1
CH1
N2
ref1
ref2
Driver
Driver
CH2
FB2
OVP
COMP
OVP
REF
V
IN
C
IN
CP
7
6
400ns
one shut
CL
Adjust
1
V
IN
Select Logic
EN
2
SEL
3
Organic
LED
C1
OVP 9
D
P1
XEnable
Vref
UVP
REF
OTP
5
4
8
10




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LM3520Integrated White LED Driver with Organic LED Display Power Supply 1 2 3 4 5 MoreNational Semiconductor (TI)
FAN5332AHigh Efficiency High Current Serial LED Driver and OLED Supply with 30V Integrated Switch 1 2 3 4 5 MoreFairchild Semiconductor
SA9106ASINGLE PHASE WATT MEASUREMENT IC WITH INTEGRATED 5 DIGIT LED DISPLAY DRIVER 1 2 3 4 5 MoreSames
LM27965Dual Display White LED Driver with I2C Compatible Brightness Control 1 2 3 4 5 MoreNational Semiconductor (TI)
BD6023AGUPower supply for CCD camera/White LED driver/RGB LED driver of mobile phone 1 2 3 4 5 MoreRohm
BD6025GUPower supply for CCD camera/White LED driver/RGB LED driver for mobile phone 1 2 3 4 5 MoreRohm
BD6026GUPower supply for CCD camera/White LED driver/RGB LED driver of mobile phone 1 2 3 4 5 MoreRohm
HD66787528-channel One-chip Driver with 262 144-color Display RAM and Power Supply Circuit for Low-temperature Poli-Si TFT LTPS-TFT Panels with Incorporat 1 2 3 4 5 MoreRenesas Technology Corp
NJU6051White LED Driver with Automatic Dimming Control 1 2 3 4 5 MoreNew Japan Radio
STCF02High Power White Led Driver 1 2 3 4 STMicroelectronics

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl