Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AME5136 Datasheet(Hoja de datos) 3 Page - Analog Microelectronics

No. de Pieza. AME5136
Descripción  Integrated White LED Driver With Organic LED Display Power Supply
Descarga  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo 

 
 3 page
background image
AME, Inc.
3
AME5136
Integrated White LED Driver With
Organic LED Display Power Supply
Pin Number
Pin Name
Pin Description
1
VIN
Input Voltage.
2
EN
Shutdown control input, active low.
The shutdown pin is an active low control. Tie this pin above 1.5V to enable
the device. Tie this pin below 0.4V to turn off the device.
3
SEL
Selection Pin. Internal MOSFET selection. Pull low to turn on the internal
CH1. Pull high to turn on CH2.
4
FB1
Main Display Feedback.
5
CH1
Main Display Return Voltage
6
GND
Ground.
7
FB2
SUB Display Feedback.
8
CH2
SUB Display Power Supply Voltage.
9
OVP
Over Voltage Protection.
10
SW
This is the switch pin and is connected to the drain of the internal NMOS
power switch N1.
23
.
1
1
2
1
×


+
=
SUB
SUB
SUB
R
R
V
AME5136AEVB
1. V
IN
2. EN
3. SEL
4. FB1
5. CH1
6. GND
7. FB2
8. CH2
9. OVP
10. SW
* Die Attach:
Conductive Epoxy
DFN-10
(3mmx3mmx0.85mm)
Top View
n Pin Configuration
n Pin Description
Note : The area enclosed by dashed line represents Exposed Pad and connect to GND.
9
8
7
1
2
3
4
AME5136
5
6
10




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
LM3520Integrated White LED Driver with Organic LED Display Power Supply 1 2 3 4 5 MoreNational Semiconductor (TI)
FAN5332AHigh Efficiency High Current Serial LED Driver and OLED Supply with 30V Integrated Switch 1 2 3 4 5 MoreFairchild Semiconductor
SA9106ASINGLE PHASE WATT MEASUREMENT IC WITH INTEGRATED 5 DIGIT LED DISPLAY DRIVER 1 2 3 4 5 MoreSames
LM27965Dual Display White LED Driver with I2C Compatible Brightness Control 1 2 3 4 5 MoreNational Semiconductor (TI)
BD6023AGUPower supply for CCD camera/White LED driver/RGB LED driver of mobile phone 1 2 3 4 5 MoreRohm
BD6025GUPower supply for CCD camera/White LED driver/RGB LED driver for mobile phone 1 2 3 4 5 MoreRohm
BD6026GUPower supply for CCD camera/White LED driver/RGB LED driver of mobile phone 1 2 3 4 5 MoreRohm
HD66787528-channel One-chip Driver with 262 144-color Display RAM and Power Supply Circuit for Low-temperature Poli-Si TFT LTPS-TFT Panels with Incorporat 1 2 3 4 5 MoreRenesas Technology Corp
NJU6051White LED Driver with Automatic Dimming Control 1 2 3 4 5 MoreNew Japan Radio
STCF02High Power White Led Driver 1 2 3 4 STMicroelectronics

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl