Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX6391 Datasheet(PDF) 7 Page - Maxim Integrated Products

No. de pieza MAX6391
Descripción Electrónicos  Dual-Voltage uP Supervisory Circuits with Sequenced Reset Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6391 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX6391 Datasheet HTML 1Page - Maxim Integrated Products MAX6391 Datasheet HTML 2Page - Maxim Integrated Products MAX6391 Datasheet HTML 3Page - Maxim Integrated Products MAX6391 Datasheet HTML 4Page - Maxim Integrated Products MAX6391 Datasheet HTML 5Page - Maxim Integrated Products MAX6391 Datasheet HTML 6Page - Maxim Integrated Products MAX6391 Datasheet HTML 7Page - Maxim Integrated Products MAX6391 Datasheet HTML 8Page - Maxim Integrated Products MAX6391 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Dual-Voltage µP Supervisory Circuits
with Sequenced Reset Outputs
_______________________________________________________________________________________
7
Applications Information
Selecting the Reset Timeout Capacitor
The RESET2 delay may be adjusted by the user with an
external capacitor connected from the CSRT pin to
ground. The MAX6391 includes a 600nA current source
that is switched to CCSRT to create a voltage ramp. The
voltage ramp is compared to the internal 1.25V refer-
ence to set the RESET2 delay period. The period is cal-
culated by:
∆t = C ∆V/I
where
∆V = 1.25V, I = 600nA, and C is the external
capacitor.
Simplifying,
tRP = 2.08 106 s / F CCSRT
For CCSRT = 1500pF, tRP = 3.1ms
A fixed internal 140ms (min) reset delay time for
RESET2 may be chosen by connecting the CSRT pin to
VCC. The VCC to CSRT connection disables the voltage
ramp and enables a separate fixed delay counter
chain. The MAX6391 internally determines the CSRT
connection and provides the proper timing setup.
In all cases, RESET IN2 acts as the slave supply. VCC
can assert the RESET2 output but RESET IN2 will have
no effect on the RESET1 output.
Monitoring Voltages Other Than VCC
An external resistive-divider network is required at
RESET IN2 for most applications. The divider resistors,
R3 and R4, may be calculated by the following formula:
VRST = VTH2 (R3 + R4)/R4
where VTH2 = 625mV (internal reference voltage) and
VRST is the desired reset threshold voltage. R4 may be
set to a conveniently high value (500k
Ω for example, to
minimize current consumption) and the equation may
be solved for R3 by:
R3 = R4 (VRST/VTH2 - 1)
For single-supply operations requiring two reset out-
puts (RESET1 before RESET2), connect RESET IN2
directly to VCC and adjust RESET2 timeout delay with
CCRST as desired.
Pullup Resistors
The MAX6391 includes open-drain outputs for both
RESET1 and RESET2. Two internal resistors, R1 and
R2, of 47k
Ω each are provided with internal connec-
tions to RESET1 and RESET2. These resistors may be
connected to the appropriate external voltage for inde-
pendent VOH drive with no additional component
requirements.
The MAX6392 includes a manual reset option, MR, that
replaces the R1 pullup resistor. The active-low manual
reset input forces both RESET1 and RESET2 low.
RESET2 is driven active before RESET1 in all cases
(10µs typ). The resets follow standard reset timing
specifications after the manual reset is released. The
manual reset is internally pulled up to VCC through a
47k
Ω resistor.
Negative-Going VCC Transients
In addition to issuing a reset to the µP during power-up,
power-down, and brownout conditions, these devices
are relatively immune to short-duration, negative-going
VCC or RESET IN2 transients (glitches). The Typical
Operating Characteristics show the Maximum Transient
Duration vs. Reset Comparator Overdrive graph. The
graph shows the maximum pulse width that a negative-
going VCC transient may typically have without issuing
a reset signal. As the amplitude of the transient increas-
es, the maximum allowable pulse width decreases.
PART NUMBER
NOMINAL
THRESHOLD (V)
TOP MARK
MAX6391KA46
4.63
AAHJ
MAX6391KA44
4.38
AAHK
MAX6391KA31
3.08
AAHL
MAX6391KA29
2.93
AAHM
MAX6391KA26
2.63
AAHN
MAX6391KA23
2.32
AAHO
MAX6391KA22
2.19
AAHP
MAX6391KA17
1.67
AAHQ
MAX6391KA16
1.58
AAHR
MAX6392KA46
4.63
AAHS
MAX6392KA44
4.38
AAHT
MAX6392KA31
3.08
AAHU
MAX6392KA29
2.93
AAHV
MAX6392KA26
2.63
AAHW
MAX6392KA23
2.32
AAHX
MAX6392KA22
2.19
AAHY
MAX6392KA17
1.67
AAHZ
MAX6392KA16
1.58
AAIA
Selector Guide
Standard versions in bold face. Samples are typically available
for standard versions. Contact factory for availability.


Número de pieza similar - MAX6391

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
MAX639 MAXIM-MAX639 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
MAX6390 MAXIM-MAX6390 Datasheet
195Kb / 11P
   SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Rev 1; 04/01
MAX6390LT MAXIM-MAX6390LT Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6390LT__D_+T MAXIM-MAX6390LT__D_+T Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
More results

Descripción similar - MAX6391

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ams AG
AS1910 AMSCO-AS1910 Datasheet
158Kb / 2P
   Dual-Voltage Microprocessor Supervisory Circuits with Reset and Watchdog
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Maxim Integrated Produc...
MAX801L MAXIM-MAX801L_05 Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
logo
Summit Microelectronics...
SMS1242 SUMMIT-SMS1242 Datasheet
78Kb / 11P
   2.5V, 3V, 3.3V & 5V Dual Voltage, Dual Reset Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX6323-MAX6324 MAXIM-MAX6323-MAX6324 Datasheet
717Kb / 12P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 3; 3/04
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
   Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com