Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLK3104SA Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza TLK3104SA
Descripción Electrónicos  QUAD 3.125 Gbps SERIAL TRANSCEIVER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLK3104SA Datasheet(HTML) 4 Page - Texas Instruments

  TLK3104SA Datasheet HTML 1Page - Texas Instruments TLK3104SA Datasheet HTML 2Page - Texas Instruments TLK3104SA Datasheet HTML 3Page - Texas Instruments TLK3104SA Datasheet HTML 4Page - Texas Instruments TLK3104SA Datasheet HTML 5Page - Texas Instruments TLK3104SA Datasheet HTML 6Page - Texas Instruments TLK3104SA Datasheet HTML 7Page - Texas Instruments TLK3104SA Datasheet HTML 8Page - Texas Instruments TLK3104SA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
TLK3104SA
QUAD 3.125 Gbps SERIAL TRANSCEIVER
SCAS651B-– AUGUST 2000 – REVISED SEPTEMBER 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
system block diagram (continued)
Figure 3 shows an example system block diagram for TLK3104SA used to provide the system backplane
interconnect.
MAC/
Packet
Processor
XGMII
XAUI
4
TLK3104SA
TX+
TX–
RX+
RX–
TDA..D(0:9)
TCA..D
RCA..D
4
4
4
RDA..D(0:9)
Framer/
PCS
PHY/
Optics
Switch Fabric
XGMII
XAUI
4
TLK3104SA
TX+
TX–
RX+
RX–
TDA..D(0:9)
TCA..D
RCA..D
4
4
4
RDA..D(0:9)
System
Backplane
Line Card
Figure 3. System Block Diagram (Backplane Interconnect Implementation)
The TLK3104SA supports the IEEE802.3 defined management data input/output (MDIO) Interface to allow
ease in configuration and status monitoring of the link. It does not currently support the proposed changes to
the management interface in the IEEE P802.3ae D2.0 Clause 45.
The TLK3104SA supports the IEEE 1149.1 defined JTAG test port for ease in board manufacturing test. It also
supports a comprehensive series of built-in tests for self-test purposes including internal serial loopback and
PRBS generation and verification.
The TLK3104SA operates with a single 2.5-V supply and dissipates less than 3.0 watts. The device is packaged
in a 19x19 mm, 289-pin plastic ball grid array (PBGA) package and is characterized for operation from 0
°C to
70
°C.


Número de pieza similar - TLK3104SA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLK3104SAGNT TI1-TLK3104SAGNT Datasheet
619Kb / 43P
[Old version datasheet]   QUAD 3.125 Dbps SERIAL TRANSCEIVER
TLK3104SA TI1-TLK3104SA_09 Datasheet
619Kb / 43P
[Old version datasheet]   QUAD 3.125 Dbps SERIAL TRANSCEIVER
More results

Descripción similar - TLK3104SA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TLK3104SC TI1-TLK3104SC Datasheet
496Kb / 39P
[Old version datasheet]   3.125-Gbps QUAD SERIAL BACKPLANE TRANSCEIVER
TLK3104SA TI1-TLK3104SA_09 Datasheet
619Kb / 43P
[Old version datasheet]   QUAD 3.125 Dbps SERIAL TRANSCEIVER
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3101 TI-TLK3101 Datasheet
322Kb / 24P
[Old version datasheet]   2.5 Gbps to 3.125 Gbps TRANSCEIVER
DS30BA101 TI1-DS30BA101 Datasheet
691Kb / 9P
[Old version datasheet]   3.125 Gbps Differential Buffer
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304 Datasheet
382Kb / 19P
   Parallel Fiber Optic Transceiver (4 4) x 3.125 Gbps
logo
National Semiconductor ...
DS25BR150_0711 NSC-DS25BR150_0711 Datasheet
397Kb / 12P
   3.125 Gbps LVDS Buffer
logo
Texas Instruments
DS25BR150 TI1-DS25BR150_14 Datasheet
791Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
DS25BR150 TI1-DS25BR150_15 Datasheet
795Kb / 15P
[Old version datasheet]   3.125 Gbps LVDS Buffer
DS30BA101 TI1-DS30BA101_13 Datasheet
770Kb / 11P
[Old version datasheet]   DS30BA101 3.125 Gbps Differential Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com