Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ALVCH16952DGG Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74ALVCH16952DGG
Descripción Electrónicos  16-bit registered transceiver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVCH16952DGG Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALVCH16952DGG Datasheet HTML 1Page - NXP Semiconductors 74ALVCH16952DGG Datasheet HTML 2Page - NXP Semiconductors 74ALVCH16952DGG Datasheet HTML 3Page - NXP Semiconductors 74ALVCH16952DGG Datasheet HTML 4Page - NXP Semiconductors 74ALVCH16952DGG Datasheet HTML 5Page - NXP Semiconductors 74ALVCH16952DGG Datasheet HTML 6Page - NXP Semiconductors 74ALVCH16952DGG Datasheet HTML 7Page - NXP Semiconductors 74ALVCH16952DGG Datasheet HTML 8Page - NXP Semiconductors 74ALVCH16952DGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Preliminary specification
74ALVCH16952
16-bit registered transceiver (3-State)
2
1998 Sep 01
FEATURES
Complies with JEDEC standard no. 8-1A
CMOS low power consumption
MULTIBYTETM flow-through pin-out architecture
Low inductance, multiple center power and ground pins for
minimum noise and ground bounce
Direct interface with TTL levels
Output drive capability 50Ω transmission lines @ 85°C
DESCRIPTION
The 74ALVCH16952 consists of two sections, each containing a
dual octal non-inverting registered transceiver. Two 8-bit back to
back registers store data flowing in both directions between two
bi-directional busses. Data applied to the inputs is entered and
stored on the rising edge of the clock (CPXX, where X is AB or BA)
provided that the clock enable (CEXX) is LOW. The data is then
present at the 3-State output buffers, but is only accessible when the
output enable input (OEXX) is LOW. Data flow from A inputs to B
outputs is the same as for B inputs to A outputs.
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr = tf = 2.5ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
CPnn, to An, Bn
VCC = 3.3V, CL = 50pF
V
25V C
30pF
3.2
ns
fMAX
Maximum clock frequency
VCC = 2.5V, CL = 30pF
350
MHz
CI
Input capacitance
3.0
pF
CPD
Power dissipation capacitance per buffer
VI = GND to VCC1
30
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD = CPD × VCC2 × fi + S (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL × VCC2 × fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
56-Pin Plastic TSSOP Type II
–40
°C to +85°C
74ALVCH16952 DGG
ACH16952 DGG
SOT364-1
FUNCTION TABLE for register An or Bn
INPUTS
INTERNAL
OPERATING
An or Bn
CPXX
CEXX
Q
MODE
X
X
H
NC
Hold data
L
°
L
L
Load data
H
°
L
H
Load data
H = HIGH voltage level
L = LOW voltage level
↑ = LOW-to-HIGH transition
FUNCTION TABLE for output enable
INPUTS
INTERNAL
An or Bn
OPERATING
OEnn
Q
OUTPUTS
MODE
H
X
Z
Disable outputs
L
L
L
Enable outputs
L
H
H
Enable outputs
NC = no change
X = don’t care
Z = high impedance OFF-state


Número de pieza similar - 74ALVCH16952DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74ALVCH16952DGG NEXPERIA-74ALVCH16952DGG Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
Texas Instruments
74ALVCH16952DGGRG4 TI1-74ALVCH16952DGGRG4 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Descripción similar - 74ALVCH16952DGG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74ALVCH16952 PHILIPS-74ALVCH16952_15 Datasheet
99Kb / 17P
   16-bit registered transceiver; 3-state
Rev. 02-27 April 2006
logo
Nexperia B.V. All right...
74ALVCH16952 NEXPERIA-74ALVCH16952 Datasheet
196Kb / 14P
   16-bit registered transceiver; 3-state
Rev. 3 - 9 January 2018
logo
NXP Semiconductors
74ABT16952 PHILIPS-74ABT16952 Datasheet
87Kb / 12P
   16-bit registered transceiver 3-State
1998 Feb 25
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com