Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3710B Datasheet(PDF) 1 Page - Central Semiconductor Corp

No. de pieza 1N3710B
Descripción Electrónicos  1.0W ZENER DIODE 6.8 VOLTS TO 200 VOLTS 5% TOLERANCE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CENTRAL [Central Semiconductor Corp]
Página de inicio  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N3710B Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1N3710B Datasheet HTML 1Page - Central Semiconductor Corp 1N3710B Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
145 Adams Avenue, Hauppauge, NY 11788 USA
Tel: (631) 435-1110 • Fax: (631) 435-1824
JEDEC DO-41 Case


Número de pieza similar - 1N3710B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
1N3712 ETC2-1N3712 Datasheet
307Kb / 4P
   Germanium Power Devices Corp.
logo
New Jersey Semi-Conduct...
1N3712 NJSEMI-1N3712 Datasheet
93Kb / 1P
   Germanium Diodes
logo
List of Unclassifed Man...
1N3712-20 ETC2-1N3712-20 Datasheet
307Kb / 4P
   Germanium Power Devices Corp.
logo
New Jersey Semi-Conduct...
1N3712-21 NJSEMI-1N3712-21 Datasheet
59Kb / 1P
   Germanium Diodes
logo
List of Unclassifed Man...
1N3712-21 ETC2-1N3712-21 Datasheet
307Kb / 4P
   Germanium Power Devices Corp.
More results

Descripción similar - 1N3710B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
2N2970B NJSEMI-2N2970B Datasheet
135Kb / 2P
   10W ZENER DIODE 6.8 VOLTS TO 200 VOLTS 5% TOLERANCE
1N5559B NJSEMI-1N5559B Datasheet
148Kb / 1P
   1.0 WATT ZENER DIODE 6.8 VOLTS to 200 VOLTS 5% TOLERANCE
logo
Central Semiconductor C...
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
   SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CMZ5342B CENTRAL-CMZ5342B Datasheet
149Kb / 2P
   HIGH POWER ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 5.0W, 5% TOLERANCE
CLL4099 CENTRAL-CLL4099 Datasheet
109Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CMPZ4099 CENTRAL-CMPZ4099 Datasheet
186Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW,5% TOLERANCE
CMHZ4099 CENTRAL-CMHZ4099 Datasheet
56Kb / 2P
   LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CZ5333B CENTRAL-CZ5333B Datasheet
69Kb / 2P
   5.0W SILICON ZENER DIODE 3.3 VOLTS THRU 200 VOLTS 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
   SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
CLL4729A CENTRAL-CLL4729A Datasheet
51Kb / 2P
   1.0W ZENER DIODE 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com