Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-AL11-L0TDD Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-AL11-L0TDD
Descripción Electrónicos  Oval Precision Optical Performance AlInGaP and InGaN Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-AL11-L0TDD Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HLMP-AL11-L0TDD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-AL11-L0TDD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-AL11-L0TDD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-AL11-L0TDD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-AL11-L0TDD Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-AL11-L0TDD Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-AL11-L0TDD Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-AL11-L0TDD Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-AL11-L0TDD Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Absolute Maximum Ratings at TA = 25˚C
Parameter
Blue and Green
Red and Amber
DC Forward Current[1]
30 mA
50 mA
Peak Pulsed Forward Current[2]
100 mA
100 mA
Average Forward Current
30 mA
30 mA
Reverse Voltage (IR = 100 µA)
5 V
Reverse Voltage (IR = 10 µA)
5 V
Power Dissipation
120 mW
120 mW
LED Junction Temperature
130°C
130°C
Operating Temperature Range
–40°C to +80°C
–40°C to +100°C
Storage Temperature Range
–40°C to +100°C
–40°C to +120°C
Wave Soldering Temperature[3]
250°C for 3 seconds
250°C for 3 seconds
Notes:
1. Derate linearly from Figure 7.
2. Duty Factor 30% KHz.
3. 1.59 mm (0.060 in.) below body.


Número de pieza similar - HLMP-AL11-L0TDD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AL16-RSK AVAGO-HLMP-AL16-RSK Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AL16-RSKXX AVAGO-HLMP-AL16-RSKXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AL16-RSR AVAGO-HLMP-AL16-RSR Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AL16-RSRXX AVAGO-HLMP-AL16-RSRXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results

Descripción similar - HLMP-AL11-L0TDD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com