Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-BD11-S0RYY Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-BD11-S0RYY
Descripción Electrónicos  Oval Precision Optical Performance AlInGaP and InGaN Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-BD11-S0RYY Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HLMP-BD11-S0RYY Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-BD11-S0RYY Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-BD11-S0RYY Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-BD11-S0RYY Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-BD11-S0RYY Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-BD11-S0RYY Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-BD11-S0RYY Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-BD11-S0RYY Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-BD11-S0RYY Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Electrical/Optical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Typical Viewing Angle
Major
1/2
70
deg
Minor
35
Forward Voltage
VF
VIF = 20 mA
Red (λd = 626 nm)
2.0
2.4
Red (λd = 630 nm)
Option xx0xx
2.2
2.4
Option xxTxx
2.3
2.6
Amber (λd = 590 nm)
2.0
2.4
Amber (λd = 592 nm)
Option xx0xx
2.2
2.4
Option xxRxx, xxSxx
2.3
2.6
Blue (λd = 472 nm)
3.5
4.0
Green (λd = 526 nm)
3.5
4.0
Reverse Voltage
Amber, Red
VR
520
V
IR = 100 µA
Blue, Green
5
IR = 10 µA
Peak Wavelength
Peak of Wavelength of
Amber (λd = 592 nm)
λpeak
594
nm
Spectral Distribution
Red (λd = 630 nm)
639
at IF = 20 mA
Blue (λd = 472 nm)
470
Green (λd = 526 nm)
524
Spectral Halfwidth
Wavelength Width
Amber (λd = 592 nm)
∆λ1/2
17
nm
at Spectral Distribution
Red (λd = 630 nm)
17
1/2 Power Point at
Blue (λd = 472 nm)
35
IF = 20 mA
Green (λd = 526 nm)
47
Capacitance
VF = 0, F = 1 MHz
Amber, Red
C
40
pF
Blue, Green
43
Luminous Efficacy
Emitted Luminous
Amber (λd = 592 nm)
ηv
500
lm/W
Power/Emitted Radiant
Red (λd = 630 nm)
155
Power at IF = 20 mA
Blue (λd = 472 nm)
75
Green (λd = 526 nm)
520
Thermal Resistance
J-PIN
240
°C/W
LED Junction-to-
Cathode Lead
Notes:
1. 2θ1/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity.
2. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = Ivv where Iv is the luminous intensity in candelas and ηv is
the luminous efficacy in lumens/watt.
3. The luminous intensity is measured on the mechanical axis of the lamp package.
4. The optical axis is closely aligned with the package mechanical axis.
5. The dominant wavelength, λd, is derived from theCIE Chromaticity Diagram and represents the color of the lamp.
6. For Options -xxRxx, -xxSxx and -xxTxx, max. forward voltage (Vf) is 2.6 V. Refer to Vf bin table.


Número de pieza similar - HLMP-BD11-S0RYY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BD16-NP0 AVAGO-HLMP-BD16-NP0 Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BD16-NP0XX AVAGO-HLMP-BD16-NP0XX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BD16-QRT AVAGO-HLMP-BD16-QRT Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BD16-QRTXX AVAGO-HLMP-BD16-QRTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BD16-RU0 AVAGO-HLMP-BD16-RU0 Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results

Descripción similar - HLMP-BD11-S0RYY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com