Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5551 Datasheet(PDF) 1 Page - Weitron Technology

No. de pieza 2N5551
Descripción Electrónicos  NPN Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEITRON [Weitron Technology]
Página de inicio  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2N5551 Datasheet(HTML) 1 Page - Weitron Technology

  2N5551 Datasheet HTML 1Page - Weitron Technology 2N5551 Datasheet HTML 2Page - Weitron Technology 2N5551 Datasheet HTML 3Page - Weitron Technology 2N5551 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base VOltage
Collector Current
Symbol
VCEO
VCBO
VEBO
IC
2N5551
Unit
Vdc
Vdc
Vdc
mAdc
Rating
Characteristics
Symbol
Min
Max
Unit
ELECTRICAL CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC= 1.0 mAdc, IB=0)
Collector-Base Breakdown Voltage (IC= 100 uAdc, IE=0)
Emitter-Base Breakdown Voltage (IE= 10 uAdc, IC=0)
Collector Cutoff Current (VCB=120 Vdc, IE=0)
Emitter Cutoff Current (VEB= 4.0 V c, I =0)
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICBO
IEBO
6.0
-
-
-
-
-
0.05
Vdc
Vdc
Vdc
uAdc
uAdc
2N5551
Tstg
PD
C
C
WEITRON
http://www.weitron.com.tw
NPN Transistors
(Ta=25 C)
180
6.0
600
160
Total Device Dissipation T =25 C
0.625
W
Junction Temperature
T j
150
Storage, Temperature
-55 to +150
160
180
0.05
d
C
A
TO-92
1
2
3
1. EMITTER
2. BASE
3. COLLECTOR


Número de pieza similar - 2N5551

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N5551 ONSEMI-2N5551 Datasheet
188Kb / 6P
   mplifier Transistors(NPN Silicon)
June, 2004 ??Rev. 3
logo
GUANGDONG HOTTECH INDUS...
2N5551 HOTTECH-2N5551 Datasheet
185Kb / 2P
   Plastic-Encapsulate Transistors
logo
NXP Semiconductors
2N5551 NXP-2N5551 Datasheet
59Kb / 7P
   NPN high-voltage transistors
2004 Oct 28
logo
Avic Technology
2N5551 AVICTEK-2N5551 Datasheet
47Kb / 1P
   NPN General Purpose Amplifier
logo
Tiger Electronic Co.,Lt...
2N5551 TGS-2N5551 Datasheet
51Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results

Descripción similar - 2N5551

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com