Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC4617S Datasheet(PDF) 3 Page - Weitron Technology

No. de pieza 2SC4617S
Descripción Electrónicos  NPN General Purpose Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEITRON [Weitron Technology]
Página de inicio  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

2SC4617S Datasheet(HTML) 3 Page - Weitron Technology

  2SC4617S Datasheet HTML 1Page - Weitron Technology 2SC4617S Datasheet HTML 2Page - Weitron Technology 2SC4617S Datasheet HTML 3Page - Weitron Technology 2SC4617S Datasheet HTML 4Page - Weitron Technology 2SC4617S Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC4617
WEITRON
http://www.weitron.com.tw
FIG.1 Grounded emitter propagation
characteristics
0
0.1
0.2
0.5
2
20
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
5
10
V CE
=6V
B AS E T O E MIT T E R V OLT AG E : V BE
(V )
FIG.2 Grounded emitter output
characteristics ( )
0
20
40
60
80
100
0.4
0.8
1.2
1.6
2.0
0
C OLLE C T OR T O E MIT T E R V OLT AG E : V CE
(V )
0.05mA
0.10mA
0.15mA
0.25mA
0.30mA
0.35mA
0.20mA
T a=25 C
IB=0A
0.40m
A
0.50mA
0.45m
A
0
0
2
8
10
4
8
12
16
4
6
20
IB=0A
T a=25 C
C OLLE C T OR T O E MIT T E R V OLT AG E : V CE
(V )
3 A
6 A
9 A
12 A
15 A
18 A
21 A
24 A
27 A
30 A
FIG.3 Grounded emitter output
characteristics ( )
0.2
20
10
0.5
1
2
5
10 20
50 100 200
50
100
200
500
V CE =5V
3V
1V
T a=25 C
FIG.4 DC current gain vs.
collector current ( )
C OLLE C T OR C UR R E NT : IC
(mA)
0.2
0.5
1
2
5
10 20
50 100 200
20
10
50
100
200
500
25 C
55 C
T a=100 C
V C E =
5V
FIG.5 DC current gain vs.
collector current (
)
C O L L E C T O R C UR R E NT : IC
(mA)
FIG.6 Collector-emitter saturation
voltage vs. collector current
0.2
C O LLE C T O R C UR R E NT : IC
(mA)
0.01
0.02
0.05
0.1
0.2
0.5
0.5
1
2
5
10
20
50 100 200
IC /IB=50
20
10
T a=25 C


Número de pieza similar - 2SC4617S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yea Shin Technology Co....
2SC4617S YEASHIN-2SC4617S Datasheet
945Kb / 4P
   General Purpose Transistors NPN Silicon
logo
SHIKUES Electronics
2SC4617S SKTECHNOLGY-2SC4617S Datasheet
675Kb / 3P
   Plastic-Encapsulate Transistors
logo
AiT Semiconductor Inc.
2SC4617S AITSEMI-2SC4617S Datasheet
540Kb / 6P
   GENERAL PURPOSE TRANSISTORS NPN SILICON
REV1.0
More results

Descripción similar - 2SC4617S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
D882 AITSEMI-D882 Datasheet
554Kb / 5P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
   GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
2PC4617M PHILIPS-2PC4617M Datasheet
46Kb / 6P
   NPN general purpose transistors
2003 Jul 15
PMSTA05 PHILIPS-PMSTA05 Datasheet
56Kb / 8P
   NPN general purpose transistors
1999 Apr 29
JC546 PHILIPS-JC546 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 27
BCX70 PHILIPS-BCX70 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 15
BC546 PHILIPS-BC546 Datasheet
47Kb / 8P
   NPN general purpose transistors
2004 Nov 25
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
logo
NXP Semiconductors
2PC4617M NXP-2PC4617M Datasheet
222Kb / 6P
   NPN general purpose transistors
2003 Jul 15
BCV72.215 PHILIPS-BCV72.215 Datasheet
220Kb / 6P
   NPN general purpose transistors
1999 Apr 08
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com