Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAV99DW Datasheet(PDF) 2 Page - Weitron Technology

No. de pieza BAV99DW
Descripción Electrónicos  Surface Mount Switching Multi-Chip Diode Array
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEITRON [Weitron Technology]
Página de inicio  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAV99DW Datasheet(HTML) 2 Page - Weitron Technology

  BAV99DW Datasheet HTML 1Page - Weitron Technology BAV99DW Datasheet HTML 2Page - Weitron Technology BAV99DW Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings (T
A=25°C Unless otherwise noted)
(TA=25°C Unless otherwise noted)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRM
VRRM
VRM
VR
VR(RSM)
75
V
Non-Repetitive Peak Reverse Voltage
100
V
RMS Reverse Voltage
53
V
Non-Repetitive Forward Current
@t=1.0µs
@t=1.0s
IFSM
2.0
1.0
A
A
Power Dissipation(1,3)
PD
200
mW
Thermal Resistance, Junction to Ambient Air(1,3)
RθJA
625
°C/W
Junction & Storage Temperature Range
Tj,Tstg
-65 to +150
°C
Electrical Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage(2)
IR=2.5μA
V(BR)R
75
Forward Voltage(2)
IF=1mA
IF=10mA
IF=50mA
IF=150mA
VF
-
-
-
-
715
855
1000
1250
mA
Total Capacitance
(VR=0V, f=1.0MHz)
C D
-
-
2.0
pF
Reverse Current(2)
VR=75V
VR=20V
IR
-
-
2.5
25
μA
Reverse Recover Time
IF = IR = 10mA, Irr = 0.1 x IR, RL = 100Ω
Trr
-
-
4.0
nS
nA
Notes: 1. Device mounted on FR-4 PC board with recommended pad layout,.
2. Short duration test pulse used to minimize self-heating effect.
3. One or more diodes loaded.
WEITRON
http://www.weitron.com.tw
2/3
27-Sep-05
Average Rectified Output Current(1,3)
150
mA
IO
BAV70DW
BAV756DW
BAV99BRW
BAV99DW
BAW567DW
BAW56DW


Número de pieza similar - BAV99DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW Datasheet
67Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30145 Rev. C-2
logo
Galaxy Semi-Conductor H...
BAV99DW BILIN-BAV99DW Datasheet
165Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW Datasheet
73Kb / 3P
   QUAD SURFACE MOUNT SWITCHING DIODE ARRAY
DS30145 Rev. 9 - 2
logo
Galaxy Semi-Conductor H...
BAV99DW BILIN-BAV99DW Datasheet
126Kb / 3P
   Surface Mount Fast Switching Diodes
logo
Guangdong Kexin Industr...
BAV99DW KEXIN-BAV99DW Datasheet
43Kb / 1P
   Quad Surface Mount Switching Diode Array
More results

Descripción similar - BAV99DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weitron Technology
MMBD4448HAQW WEITRON-MMBD4448HAQW Datasheet
2Mb / 4P
   Surface Mount Switching Multi-Chip Diode Array
BAS16TDW WEITRON-BAS16TDW Datasheet
335Kb / 3P
   Surface Mount Switching Multi-Chip Diode Array
WIMN10 WEITRON-WIMN10 Datasheet
309Kb / 3P
   Surface Mount Switching Multi-Chip Diode Array
logo
SeCoS Halbleitertechnol...
BAS16TW SECOS-BAS16TW Datasheet
566Kb / 2P
   Multi-Chip Switching Diode Array
logo
Diodes Incorporated
BAV99DW DIODES-BAV99DW_09 Datasheet
85Kb / 3P
   SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 13 - 2 January 2009
BAW56DW DIODES-BAW56DW_08 Datasheet
125Kb / 3P
   SURFACE MOUNT SWITCHING DIODE ARRAY
Rev. 10 - 2 March 2008
BAV70DV DIODES-BAV70DV_15 Datasheet
96Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAW56HDW DIODES-BAW56HDW Datasheet
363Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAS16HTW DIODES-BAS16HTW Datasheet
334Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAV99DWQ DIODES-BAV99DWQ Datasheet
195Kb / 4P
   SURFACE MOUNT SWITCHING DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com