Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC328 Datasheet(PDF) 2 Page - Weitron Technology

No. de pieza BC328
Descripción Electrónicos  PNP General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEITRON [Weitron Technology]
Página de inicio  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC328 Datasheet(HTML) 2 Page - Weitron Technology

  BC328 Datasheet HTML 1Page - Weitron Technology BC328 Datasheet HTML 2Page - Weitron Technology BC328 Datasheet HTML 3Page - Weitron Technology BC328 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ON CHARACTERISTICS
OFF CHARACTERISTICS
V
V
MHz
VCE(sat)
VBE(sat)
fT
630
-
-
-
-
-
-0.7
-
-1.2
-
Symbol
Typ
Max
Unit
100
40
-
-
260
Min
-0.2
-0.1
-0.1
µA
µA
µA
BC327/BC328
2/4
29-Jun-06
WEITRON
http://www.weitron.com.tw
Classification
100 ~ 250
60-
hFE Classification
40
16
25
hFE1
hFE2
100-
170-
160 ~ 400
250 ~ 630
ELECTRICAL CHARACTERISTICS(TA=25°C unless otherwise noted) (Countinued)
Characteristics
Collector Cut-off Current
VCE=-40V, lB=0
VCE=-20V, lB=0
Collector Cut-off Current
VCB=-45V, lE=0
VCB=-25V, lE=0
lCEO
lCBO
lEBO
Emitter Cutoff Current
VEB=-4.0V, lC=0
BC327
BC328
BC327
BC328
hFE1
hFE2
DC Current Gain
VCE=-1V, lC=-100mA
VCE=-1V, lC=-300mA
Collector-Emitter Saturation Voltage
lC=-500mA, lB=-5mA
Base-Emitter Saturation Voltage
lC=-500mA, lB=-5mA)
Transition frequency
VCE=-5V, lC=-10mA, f=100MHz


Número de pieza similar - BC328

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BC328 MOTOROLA-BC328 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
SeCoS Halbleitertechnol...
BC328 SECOS-BC328 Datasheet
110Kb / 3P
   PNP General PurposeTransistor
logo
SHENZHEN KOO CHIN ELECT...
BC328 KOOCHIN-BC328 Datasheet
229Kb / 3P
   TRANSISTOR (PNP)
logo
Semtech Corporation
BC328 SEMTECH-BC328 Datasheet
424Kb / 5P
   PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications?
logo
SEMTECH ELECTRONICS LTD...
BC328 SEMTECH_ELEC-BC328 Datasheet
154Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results

Descripción similar - BC328

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com