Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC337 Datasheet(PDF) 3 Page - Weitron Technology

No. de pieza BC337
Descripción Electrónicos  NPN General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEITRON [Weitron Technology]
Página de inicio  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC337 Datasheet(HTML) 3 Page - Weitron Technology

  BC337 Datasheet HTML 1Page - Weitron Technology BC337 Datasheet HTML 2Page - Weitron Technology BC337 Datasheet HTML 3Page - Weitron Technology BC337 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC327/BC328
3/4
29-Jun-06
WEITRON
http://www.weitron.com.tw
Typical Characteristics
Fig.2 Static Characteristic
Figure 3. DC current Gain
Fig.4 Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Fig.6 Gain Bandwidth Product
-1
-2
-3
-4
-5
-0
-100
-200
-300
-400
-500
PT
W
m
0
0
6
=
IB
A
m
0
.
3
-
=
IB
A
m
0
.
2
-
=
IB
A
m
5
.
3
-
=
IB = - 1.0mA
IB
A
m
5
.
1
-
=
IB = - 0.5mA
IB
A
m
0
.
4
-
=
IB
A
m
5
.
2
-
=
IB
A
m
5
.
4
-
=
IB
A
m
0
.
5
-
=
IB = 0
VCE(V), COLLECTOR-EMITTER VOLTAGE
-10
-20
-30
-40
-50
-4
-8
-12
-16
-20
P
T
W
m
0
0
6
=
IB
0
8
-
=
µA
IB
0
7
-
=
µA
IB
0
6
-
=
µA
IB
0
5
-
=
µA
IB
0
4
-
=
µA
IB
0
3
-
=
µA
I
B
0
2
-
=
µA
I
B
0
1
-
=
µA
I
B = 0
V
CE(V), COLLECTOR-EMITTER VOLTAGE
-0.1
-1
-10
-100
-1000
1
10
100
1000
PULSE
- 1.0V
VCE = - 2.0V
IC(mA), COLLECTOR CURRENT
-0.1
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
IC = 10 IB
PULSE
VCE(sat)
VBE(sat)
IC(mA), COLLECTOR CURRENT
-0.4
-0.5
-0.6
-0.7
-0.8
-0.9
-0.1
-1
-10
-100
-1000
VCE = -1V
PULSE
VBE[V], BASE-EMITTER VOLTAGE
-1
-10
-100
10
100
1000
VCE = -5.0V
IC[mA], COLLECTOR CURRENT
Figure 1. Static Characteristic
Fig.5 Base-Emitter On Voltage


Número de pieza similar - BC337

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
NXP Semiconductors
BC337 PHILIPS-BC337 Datasheet
245Kb / 19P
   45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009
logo
Unisonic Technologies
BC337 UTC-BC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
KEC(Korea Electronics)
BC337 KEC-BC337 Datasheet
31Kb / 1P
   TO-92 PACKAGE
logo
NXP Semiconductors
BC337 PHILIPS-BC337 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Apr 15
More results

Descripción similar - BC337

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com