Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BC338 Datasheet(PDF) 1 Page - Weitron Technology

No. de pieza BC338
Descripción Electrónicos  NPN General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEITRON [Weitron Technology]
Página de inicio  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC338 Datasheet(HTML) 1 Page - Weitron Technology

  BC338 Datasheet HTML 1Page - Weitron Technology BC338 Datasheet HTML 2Page - Weitron Technology BC338 Datasheet HTML 3Page - Weitron Technology BC338 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BC337
BC338
BC337/BC338
TO-92
2
2
1
3
3
1
800
50
30
45
25
5.0
5.0
625
Collector-Emitter Breakdown Voltage
IC=10mA, IB=0
Collector-Base Breakdown Voltage
IC=100µA, IE=0
Emitter-Base Breakdown Voltage
IC=10µA, IC=0
Unit
Unit
Max
Typ
Min
Symbol
V
V
V
V
Vdc
V
mA
mW/°C
°C
°C
-55 to +150
-55 to +150
Operating Junction Temperature Range
Storage Junction Temperature Range
PD
V(BR)CBO
V(BR)CEO
V(BR)EBO
-
-
-
-
-
-
50
30
45
25
5.0
COLLECTOR
BASE
EMITTER
1/3
30-Jun-06
Lead(Pb)-Free
P b
Collector Current Continuous
Rating
Symbol
lC
Tstg
TJ
NPN General Purpose Transistor
VEBO
VCBO
VCEO
Collector-Base voltage
Collector-Emitter voltage
Emitter-Base voltage
Maximum Ratings(TA=25°C unless otherwise noted)
Total Device Dissipation
Alumina Substrate,TA=25°C
BC337
BC338
BC337
BC338
BC337
BC338
ELECTRICAL CHARACTERISTICS
Characteristics
WEITRON
http://www.weitron.com.tw
OFF CHARACTERISTICS


Número de pieza similar - BC338

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BC338 MOTOROLA-BC338 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
Dc Components
BC338 DCCOM-BC338 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Fairchild Semiconductor
BC338 FAIRCHILD-BC338 Datasheet
33Kb / 3P
   Switching and Amplifier Applications
logo
Semtech Corporation
BC338 SEMTECH-BC338 Datasheet
343Kb / 5P
   NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
logo
SeCoS Halbleitertechnol...
BC338 SECOS-BC338 Datasheet
167Kb / 3P
   NPN Plastic-Encapsulate Transistors
More results

Descripción similar - BC338

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com