Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL77-3F-56 Datasheet(PDF) 1 Page - DB Lectro Inc

No. de pieza TL77-3F-56
Descripción Electrónicos  PCB PLUG-IN TRANSFORMER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DBLECTRO [DB Lectro Inc]
Página de inicio  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL77-3F-56 Datasheet(HTML) 1 Page - DB Lectro Inc

  TL77-3F-56 Datasheet HTML 1Page - DB Lectro Inc TL77-3F-56 Datasheet HTML 2Page - DB Lectro Inc TL77-3F-56 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PCB PLUG-IN
TRANSFORMER
PCB PLUG-IN TRANSFORMER
TL77 Series
Power – 1.1VA to 36VA
Dielectric Strength – 2500Vrms (P – S)
Primary – Dual primary (115V/230V
50/60Hz) or Single primary
Secondary – Series or parallel
Insulation Class – Class F (155°C)
Safety Approvals – UL506, CSA C22.2
#66
Dimension (mm)
Product
Series
A
B
C
D
E
F
G
H
I
J
K
1.1 (VA)
35.0
29.0
24.0
5.0
0.5
×0.8
6.35
6.35
30.5
--
--
--
2.4 (VA)
35.0
29.0
30.2
5.0
0.5
×0.8
6.35
6.35
30.5
--
--
--
6.0 (VA)
41.0
33.0
33.3
5.0
0.5
×0.8
6.35
8.90
32.5
--
27.0
2.5
12 (VA)
48.0
40.0
35.8
5.0
0.5
×0.8
7.62
10.16
35.8
--
32.0
3.0
20 (VA)
57.0
47.5
35.8
5.0
0.5
×0.8
7.62
10.16
40.6
--
38.0
3.5
36 (VA)
66.0
55.0
39.6
5.0
0.5
×0.8 10.16
10.16
47.0
56.0
44.0
4.0
Tolerance (mm)
±1.0
±1.0
±1.0
±1.0
±0.2
±0.3
±0.3
±0.5
±0.5
±0.5
max.
Note : Dimension “E” is pin size, and dimension “K” is the maximum allowable screw size.
DB LECTRO Inc.
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Número de pieza similar - TL77-3F-56

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TL77-AC STMICROELECTRONICS-TL77-AC Datasheet
67Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
TL77-AC STMICROELECTRONICS-TL77-AC Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
TL77-AI STMICROELECTRONICS-TL77-AI Datasheet
67Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
TL77-AI STMICROELECTRONICS-TL77-AI Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
More results

Descripción similar - TL77-3F-56

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Weidmuller
1017620000 WEIDMULLER-1017620000 Datasheet
75Kb / 4P
   PCB plug-in connectors
logo
TE Connectivity Ltd
V23134-A0052-C643 TEC-V23134-A0052-C643 Datasheet
481Kb / 4P
   Plug-in or PCB terminals
logo
Weidmuller
1483050000 WEIDMULLER-1483050000 Datasheet
131Kb / 2P
   PCB plug-in connector, Accessories
logo
WAGO Kontakttechnik Gmb...
855-305-050-103 WAGO-855-305-050-103 Datasheet
577Kb / 6P
   Plug-in current transformer; Primary rated current
855-305-100-209 WAGO-855-305-100-209 Datasheet
597Kb / 5P
   Plug-in current transformer; Primary rated current
logo
Weidmuller
1043870000 WEIDMULLER-1043870000 Datasheet
1Mb / 11P
   PCB plug-in connector, female plug, 7.62 mm
September 16, 2021
1043820000 WEIDMULLER-1043820000 Datasheet
1Mb / 11P
   PCB plug-in connector, female plug, 7.62 mm
September 17, 2021
logo
WAGO Kontakttechnik Gmb...
855-305-060-101 WAGO-855-305-060-101 Datasheet
577Kb / 6P
   Plug-in current transformer; Primary rated current
logo
Weidmuller
1043800000 WEIDMULLER-1043800000 Datasheet
1Mb / 11P
   PCB plug-in connector, female plug, 7.62 mm
September 16, 2021
logo
American Electronic Com...
DG84 AEC-DG84 Datasheet
269Kb / 3P
   micro plug-in/pcb automotive relay
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com