Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL35-0100-012 Datasheet(PDF) 1 Page - DB Lectro Inc

No. de pieza TL35-0100-012
Descripción Electrónicos  TOROIDAL TRANSFORMER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DBLECTRO [DB Lectro Inc]
Página de inicio  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL35-0100-012 Datasheet(HTML) 1 Page - DB Lectro Inc

  TL35-0100-012 Datasheet HTML 1Page - DB Lectro Inc TL35-0100-012 Datasheet HTML 2Page - DB Lectro Inc TL35-0100-012 Datasheet HTML 3Page - DB Lectro Inc TL35-0100-012 Datasheet HTML 4Page - DB Lectro Inc TL35-0100-012 Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TOROIDAL
TRANSFORMER
D
A
B
C
E
F
TL35 Series
Low magnetic stray field emissions
Low standby current
High efficiency
High ambient operating temperature (+60°C
maximum)
All leads wires are UL1332 200°C 300V
Power – 1.6VA to 500VA
Primary – Dual primary (115V/230V 50/60Hz)
Secondary – Series or parallel
Dielectric Strength – 4000Vrms
Insulation Class – Class F (155°C)
Safety Approvals – UL506, CUL C22.2 #66-1988,
UL1411, CUL C22.2 #1-98, TUV / EN60950 /
EN60065 / CE
Mounting
The transformer are normally supplied with
one metal disk and two rubber washer for
simple and easy one screw mounting
(red)
(yellow)
(black)
PRI 2
(orange)
PRI 1
(red)
SEC 2
(blue)
(brown)
SEC 1
(green)
Dimensions (mm)
Product
Series
A
B
C
D
E
F
1.6 (VA)
44.5
41.0
7.5
20.5
150
8
3.2 (VA)
49.5
45.5
5.0
20.5
150
8
5.0 (VA)
53.5
49.0
3.5
21.0
150
8
7.0 (VA)
53.5
50.0
5.0
23.5
150
8
10 (VA)
60.5
56.0
7.0
25.5
150
8
15 (VA)
66.5
60.0
6.0
27.5
150
8
25 (VA)
65.5
61.5
12.0
36.0
150
8
35 (VA)
78.5
71.5
18.5
34.0
150
8
50 (VA)
86.5
80.0
22.5
36.0
150
8
65 (VA)
94.5
89.0
20.5
36.5
150
8
85 (VA)
101
94.5
28.0
39.5
150
8
100 (VA)
101
96.0
34.0
44.0
150
8
120 (VA)
103
98.0
33.0
46.0
150
8
160 (VA)
122
116
38.0
46.0
250
8
200 (VA)
118
113
37.0
50.0
250
8
250 (VA)
123
118
42.0
53.0
250
8
300 (VA)
127
123
43.0
54.0
250
8
400 (VA)
139
134
44.0
61.0
250
8
500 (VA)
143
138
46.0
65.0
250
8
Tolerance
max.
max.
min.
max.
± 5
± 2
DB LECTRO Inc.
3600 boul. Matte suite i Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Número de pieza similar - TL35-0100-012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transko Electronics, In...
TL35001AV2 TRANSKO-TL35001AV2 Datasheet
443Kb / 3P
   350.00 MHz IF SAW Filter / 1.96 MHz Bandwidth
Revision 0: 18 Jul. 2012
TL35006AS2 TRANSKO-TL35006AS2 Datasheet
464Kb / 4P
   350.00 MHz IF SAW Filter / 6.50 MHz Bandwidth
Revision 0: 18 Jul. 2012
TL3503AV TRANSKO-TL3503AV Datasheet
398Kb / 3P
   35.00 MHz IF SAW Filter / 2.8 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
Texas Instruments
TL35071AD TI-TL35071AD Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL35071ADR TI-TL35071ADR Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Descripción similar - TL35-0100-012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PREMO CORPORATION S.L
X-0650-249 PREMO-X-0650-249 Datasheet
268Kb / 2P
   Toroidal Transformer
logo
Coilcraft lnc.
Q3903-AL COILCRAFT-Q3903-AL Datasheet
123Kb / 1P
   Toroidal Transformer
logo
Beijing Yaohuadechang E...
PTC10 YHDC-PTC10 Datasheet
5Mb / 1P
   PCB toroidal transformer
logo
List of Unclassifed Man...
LTC0157 ETC1-LTC0157 Datasheet
160Kb / 1P
   TOROIDAL COIL TRANSFORMER
logo
Beijing Yaohuadechang E...
PTC15 YHDC-PTC15 Datasheet
1Mb / 1P
   PCB toroidal transformer
PTC7 YHDC-PTC7 Datasheet
1Mb / 1P
   PCB toroidal transformer
logo
MPS Industries, Inc.
P8TA MPSIND-P8TA Datasheet
38Kb / 1P
   TOROIDAL POWER TRANSFORMER
P8TC MPSIND-P8TC Datasheet
38Kb / 1P
   TOROIDAL POWER TRANSFORMER
P8TD MPSIND-P8TD Datasheet
43Kb / 1P
   TOROIDAL POWER TRANSFORMER
P8TB MPSIND-P8TB Datasheet
38Kb / 1P
   TOROIDAL POWER TRANSFORMER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com