Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL99-0150-044 Datasheet(PDF) 2 Page - DB Lectro Inc

No. de pieza TL99-0150-044
Descripción Electrónicos  TOROIDAL TRANSFORMER PCB MOUNTING LOW PROFILE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DBLECTRO [DB Lectro Inc]
Página de inicio  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL99-0150-044 Datasheet(HTML) 2 Page - DB Lectro Inc

  TL99-0150-044 Datasheet HTML 1Page - DB Lectro Inc TL99-0150-044 Datasheet HTML 2Page - DB Lectro Inc TL99-0150-044 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TOROIDAL TRANSFORMER
PCB MOUNTING
LOW PROFILE
Secondary RMS Rating
Product
Series
Part Number
Input Voltage
(V)
Series
Parallel
1.6VA
TL99-0016-012
TL99-0016-014
TL99-0016-018
TL99-0016-024
TL99-0016-030
TL99-0016-036
TL99-0016-044
TL99-0016-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@133mA
@114mA
@89mA
@67mA
@53mA
@44mA
@36mA
@33mA
6V
7V
9V
12V
15V
18V
22V
24V
@266mA
@228mA
@178mA
@134mA
@106mA
@88mA
@72mA
@66mA
3.2VA
TL99-0032-012
TL99-0032-014
TL99-0032-018
TL99-0032-024
TL99-0032-030
TL99-0032-036
TL99-0032-044
TL99-0032-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@266mA
@229mA
@178mA
@133mA
@107mA
@89mA
@73mA
@66mA
6V
7V
9V
12V
15V
18V
22V
24V
@532mA
@458mA
@356mA
@266mA
@214mA
@178mA
@146mA
@132mA
5.0VA
TL99-0050-012
TL99-0050-014
TL99-0050-018
TL99-0050-024
TL99-0050-030
TL99-0050-036
TL99-0050-044
TL99-0050-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@416mA
@357mA
@278mA
@208mA
@167mA
@139mA
@114mA
@104mA
6V
7V
9V
12V
15V
18V
22V
24V
@832mA
@714mA
@556mA
@416mA
@334mA
@278mA
@228mA
@208mA
7.0VA
TL99-0070-012
TL99-0070-014
TL99-0070-018
TL99-0070-024
TL99-0070-030
TL99-0070-036
TL99-0070-044
TL99-0070-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@583mA
@500mA
@389mA
@292mA
@233mA
@194mA
@159mA
@145mA
6V
7V
9V
12V
15V
18V
22V
24V
@1166mA
@1000mA
@778mA
@584mA
@466mA
@388mA
@318mA
@290mA
10VA
TL99-0100-012
TL99-0100-014
TL99-0100-018
TL99-0100-024
TL99-0100-030
TL99-0100-036
TL99-0100-044
TL99-0100-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@833mA
@714mA
@556mA
@417mA
@333mA
@278mA
@227mA
@208mA
6V
7V
9V
12V
15V
18V
22V
24V
@1666mA
@1428mA
@1112mA
@834mA
@666mA
@556mA
@454mA
@416mA
15VA
TL99-0150-012
TL99-0150-014
TL99-0150-018
TL99-0150-024
TL99-0150-030
TL99-0150-036
TL99-0150-044
TL99-0150-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@1250mA
@1071mA
@833mA
@625mA
@500mA
@417mA
@341mA
@312mA
6V
7V
9V
12V
15V
18V
22V
24V
@2500mA
@2142mA
@1666mA
@1250mA
@1000mA
@834mA
@682mA
@624mA
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com
DB LECTRO Inc.


Número de pieza similar - TL99-0150-044

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TiMOTION Technology Co....
TL9 TIMOTION-TL9 Datasheet
689Kb / 6P
   Max. load 800N (push)
20200303-F
logo
3M Electronics
TL90 3M-TL90 Datasheet
21Kb / 4P
   Threadlocker Anaerobic Adhesives
TL90 3M-TL90 Datasheet
363Kb / 6P
   Scotch-WeldTM Threadlocker Anaerobic Adhesives
November 2016
logo
Extech Instruments Corp...
TL900 EXTECH-TL900 Datasheet
310Kb / 1P
   SafeSense CAT IV Fused Test Leads
logo
E-SWITCH
TL9000 E-SWITCH-TL9000 Datasheet
106Kb / 1P
   TACT SWITCHES - SOFT TOUCH
More results

Descripción similar - TL99-0150-044

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Beijing Yaohuadechang E...
PTC10 YHDC-PTC10 Datasheet
5Mb / 1P
   PCB toroidal transformer
PTC15 YHDC-PTC15 Datasheet
1Mb / 1P
   PCB toroidal transformer
PTC7 YHDC-PTC7 Datasheet
1Mb / 1P
   PCB toroidal transformer
PTC3.2 YHDC-PTC3.2 Datasheet
895Kb / 1P
   PCB toroidal transformer
PTC5 YHDC-PTC5 Datasheet
1Mb / 1P
   PCB toroidal transformer
PTC25 YHDC-PTC25 Datasheet
7Mb / 1P
   PCB toroidal transformer
PTC50 YHDC-PTC50 Datasheet
1Mb / 1P
   PCB toroidal transformer
PTC35 YHDC-PTC35 Datasheet
1Mb / 1P
   PCB toroidal transformer
logo
PREMO CORPORATION S.L
X-0650-249 PREMO-X-0650-249 Datasheet
268Kb / 2P
   Toroidal Transformer
logo
DB Lectro Inc
TL35-0016-012 DBLECTRO-TL35-0016-012 Datasheet
196Kb / 5P
   TOROIDAL TRANSFORMER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com