Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PI3C16215 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

No. de Pieza. PI3C16215
Descripción  3.3V, 2-Port, 20-Bit Bus Switch with Precharged Outputs for Live Insertion
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo 

PI3C16215 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
PS8409D
03/19/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
PI3C16215
3.3V,2-Port,20-BitBusSwitchwith
PrechargedOutputsforLiveInsertion
ElectricalCharacteristics (OverRecommendedOperatingFree-AirTemperatureRange)
Storage Temperature...................................... –65°C to +150°C
Supply Voltage Range .......................................... –0.5Vto4.6V
DC Input Voltage(1) ............................................ –0.5Vto+5.5V
Input Clamp Current, IIK (V1< 0) .....................................–50mA
DC Output Current .......................................................... 120mA
Power Dissipation(2) ..........................................................0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
RecommendedOperatingConditions
Notes:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The maximum package power dissipation is calculated using a junction temperatue of 150°C and a board trace length of 750 mils.
Absolute Maximum Ratings Over Free-Air Temperature Range*
(Above which the useful life may be impaired. For user guidelines, not tested.)
Notes:
* Measured by the voltage drop between the A and B terminals at the indicated current through the switch.
On-state resistance is determined by the lower of the voltages of the two (A or B) terminals.
‡ This is the increase in supply current for control input.
† All typical values are at VCC = 3.3V, TA = 25°C.
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T.
n
i
Mp
y
T .†
.
x
a
Ms
ti
n
U
V K
I
e
g
a
tl
o
V
e
d
o
i
D
p
m
al
CV C
C
I
,
V
0
.
3
=
N
I
8
1
–
=mA
3
7
.
0
–2
.
1
–V
II
t
n
e
rr
u
C
t
u
p
n
IV C
C
,
V
6
.
3
=V N
I
V
=
C
C
D
N
G
r
o5
±
µA
IO
t
n
e
rr
u
C
t
u
p
t
u
OV C
C
V
,
V
4
.
2
=
V
S
A
I
B
,
V
0
.
3
=
O
0
=5
2
.
0A
m
I C
C
t
n
e
rr
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
ei
u
QV C
C
I
,
V
6
.
3
=
O
,
0
=V N
I
V
=
C
C
D
N
G
r
o0
6
20
5
8
µA
∆I C
C
t
u
p
n
I
r
e
p
t
n
e
rr
u
C
y
l
p
p
u
S
r
e
w
o
P
V C
C
,
V
6
.
3
=V
7
.
2
t
a
t
u
p
n
i
e
n
O
t
a
r
e
h
t
OV C
C
D
N
G
r
o
5
.
2A
m
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
IV C
C
V
0
=5
.
3
F
p
C F
F
O
e
c
n
a
ti
c
a
p
a
C
B
/
AV C
C
,
V
0
=ff
O
h
c
ti
w
S0
.
5
R N
O
*
e
c
n
a
t
si
s
e
R
n
o
h
c
ti
w
SV C
C
V
0
.
3
=
V N
I
I
,
0
=
N
I
4
6
=A
m5
5
.
8
V N
I
I
,
V
4
.
2
=
N
I
0
3
=A
m0
.
85
1
V N
I
I
,
V
4
.
2
=
N
I
5
1
=A
m0
.
85
1
.
n
i
M.
x
a
Ms
ti
n
U
V C
C
e
g
a
tl
o
v
y
l
p
p
u
S0
.
33
.
3
V
V
S
A
I
Be
g
a
tl
o
v
y
l
p
p
u
S3
.
1V C
C
V H
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
el
-
h
g
i
H2
V L
I
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
el
-
w
o
L8
.
0
TA
e
r
u
t
a
r
e
p
m
e
t
ri
a
-
e
e
rf
g
n
it
a
r
e
p
O0
4
–5
8C
°


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
PI3C68002.5V/3.3V 2-Port 10-Bit Bus Switch with Precharged Outputs for Live Insertion 1 2 3 4 5 Pericom Semiconductor Corporation
PI3B321603.3V Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion 1 2 3 4 Pericom Semiconductor Corporation
CBT682020-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
CBT680010-bit bus switch with precharged outputs for live insertion 1 2 3 4 5 MoreNXP Semiconductors
CBT681010-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
FSTU32X80020-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection 1 2 3 4 5 Fairchild Semiconductor
CBT6832C16-bit 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
IDT74CBTLV16800LOW-VOLTAGE 20-BIT BUS SWITCH WITH PRECHARGED OUTPUTS 1 2 3 4 5 Integrated Device Technology
CBT6832D16-bit controlled enable rate 1-of-2 multiplexer/demultiplexer with precharged outputs and charge pump undershoot protection for live insertion 1 2 3 4 5 MoreNXP Semiconductors
PI3B32X384PI3B32X384 is a 3.3V 20-bit bus switch designed with a low On-Resistance allowing inputs to be connected directly to outputs 1 2 3 4 Pericom Semiconductor Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn