Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SHDC626112 Datasheet(PDF) 1 Page - Sensitron

No. de pieza SHDC626112
Descripción Electrónicos  HERMETIC SILICON CARBIDE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SENSITRON [Sensitron]
Página de inicio  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHDC626112 Datasheet(HTML) 1 Page - Sensitron

  SHDC626112 Datasheet HTML 1Page - Sensitron SHDC626112 Datasheet HTML 2Page - Sensitron SHDC626112 Datasheet HTML 3Page - Sensitron SHDC626112 Datasheet HTML 4Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-mail Address- sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA, PROVISIONAL DATA ONLY
DATA SHEET 4185, Rev. -
HERMETIC SILICON CARBIDE RECTIFIER
DESCRIPTION: A 1200-VOLT, 20 AMP POWER SILICON CARBIDE RECTIFIER IN A CERAMIC
HERMETIC TO-257 PACKAGE (GLASS SEALS NOT AVAILABLE FOR THIS VOLTAGE)
FEATURES:
NO RECOVERY TIME OR REVERSE RECOVERY LOSSES
NO TEMPERATURE INFLUENCE ON SWITCHING BEHAVIOR
High Temperature Option - Maximum operation & storage temperature can be increased to 250oC;
use part number prefix as SHDT
High Frequency Option - Non-magnetic Glidcop leads are available for improved performance at
high frequency; use part number prefix SHDG
MAXIMUM RATINGS
ALL RATINGS ARE @ TC = 25
°C UNLESS OTHERWISE SPECIFIED.
RATING
SYMBOL
MAX.
UNITS
PEAK INVERSE VOLTAGE
PIV
1200
Volts
MAXIMUM DC OUTPUT CURRENT (With TC = 65
OC, for part numbers
with P and N suffixes)
IO
20
Amps
MAXIMUM DC OUTPUT CURRENT (With TC = 65
OC, for part number
with D suffix or without suffix)
IO
10
Amps
MAXIMUM REPETITIVE FORWARD SURGE CURRENT
(t = 8.3ms, Sine) per leg, TC = 25
OC
IFRM
50
Amps
MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
(t = 10
µs, pulse) per leg, T
C = 25
OC
IFSM
250
Amps
MAXIMUM JUNCTION CAPACITANCE (Vr =400V) per leg
CT
70
pF
MAXIMUM POWER DISSIPATION, TC = 25
OC
Pd
40
W
MAXIMUM THERMAL RESISTANCE, Junction to Case (PER DUAL
PACKAGE For Common Cathode/Anode Configurations)
RθJC
1.00
°C/W
MAXIMUM OPERATING AND STORAGE TEMPERATURE RANGE
Top, Tstg
-55 to
+175
°C
SHDC626112
SHDC626112P
SHDC626112N
SHDC626112D


Número de pieza similar - SHDC626112

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
SHDC626112 SENSITRON-SHDC626112 Datasheet
61Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC626112D SENSITRON-SHDC626112D Datasheet
61Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC626112N SENSITRON-SHDC626112N Datasheet
61Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC626112P SENSITRON-SHDC626112P Datasheet
61Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC626112 SENSITRON-SHDC626112_09 Datasheet
61Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
More results

Descripción similar - SHDC626112

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sensitron
SHD620052 SENSITRON-SHD620052 Datasheet
166Kb / 2P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674112 SENSITRON-SHD674112 Datasheet
240Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD676052 SENSITRON-SHD676052 Datasheet
52Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD620112 SENSITRON-SHD620112 Datasheet
244Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626031 SENSITRON-SHD626031 Datasheet
184Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD675052 SENSITRON-SHD675052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122_09 Datasheet
66Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD626051 SENSITRON-SHD626051 Datasheet
464Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHD674052 SENSITRON-SHD674052 Datasheet
291Kb / 4P
   HERMETIC SILICON CARBIDE RECTIFIER
SHDC624122 SENSITRON-SHDC624122 Datasheet
69Kb / 3P
   HERMETIC SILICON CARBIDE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com