Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC1G32 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza 74HC1G32
Descripción Electrónicos  2-input OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC1G32 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC1G32 Datasheet HTML 1Page - NXP Semiconductors 74HC1G32 Datasheet HTML 2Page - NXP Semiconductors 74HC1G32 Datasheet HTML 3Page - NXP Semiconductors 74HC1G32 Datasheet HTML 4Page - NXP Semiconductors 74HC1G32 Datasheet HTML 5Page - NXP Semiconductors 74HC1G32 Datasheet HTML 6Page - NXP Semiconductors 74HC1G32 Datasheet HTML 7Page - NXP Semiconductors 74HC1G32 Datasheet HTML 8Page - NXP Semiconductors 74HC1G32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2002 May 15
4
Philips Semiconductors
Product specification
2-input OR gate
74HC1G32; 74HCT1G32
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V);
notes 1 and 2.
Notes
1. Stresses beyond those listed may cause permanent damage to the device. These are stress rating only and
functional operation of the device at these or any other conditions beyond those under ‘recommended operating
conditions’ is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device
reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
3. Above 55
°C the value of P
D derates linearly with 2.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
74HC1G
74HCT1G
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
VCC
0
VCC
V
VO
output voltage
0
VCC
0
VCC
V
Tamb
operating ambient
temperature
see DC and AC
characteristics per
device
−40
+25
+125
−40
+25
+125
°C
tr,tf
input rise and fall
times
VCC = 2.0 V
−−
1000
−−−
ns
VCC = 4.5 V
−−
500
−−
500
ns
VCC = 6.0 V
−−
400
−−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+7.0
V
IIK
input diode current
VI < −0.5 V or VI >VCC + 0.5 V
−±20
mA
IOK
output diode current
VO < −0.5 V or VO >VCC + 0.5 V
−±20
mA
IO
output source or sink current
−0.5V<VO <VCC + 0.5 V
−±12.5 mA
ICC
VCC or GND current
−±25
mA
Tstg
storage temperature
−65
+150
°C
PD
power dissipation per package
for temperature range from
−40 to +125 °C;
note 3
200
mW


Número de pieza similar - 74HC1G32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC1G32 NXP-74HC1G32 Datasheet
75Kb / 11P
   2-input OR gate
Rev. 05-14 March 2008
logo
Nexperia B.V. All right...
74HC1G32 NEXPERIA-74HC1G32 Datasheet
207Kb / 11P
   2-input OR gate
Rev. 6 - 18 January 2022
74HC1G32-Q100 NEXPERIA-74HC1G32-Q100 Datasheet
682Kb / 12P
   2-input OR gate
logo
NXP Semiconductors
74HC1G32GV NXP-74HC1G32GV Datasheet
75Kb / 11P
   2-input OR gate
Rev. 05-14 March 2008
logo
Nexperia B.V. All right...
74HC1G32GV NEXPERIA-74HC1G32GV Datasheet
207Kb / 11P
   2-input OR gate
Rev. 6 - 18 January 2022
More results

Descripción similar - 74HC1G32

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SET32F TOSHIBA-TC7SET32F Datasheet
166Kb / 5P
   2-INPUT OR GATE
TC7SL32F TOSHIBA-TC7SL32F Datasheet
211Kb / 5P
   2-INPUT OR GATE
logo
NXP Semiconductors
74AHC1G32 PHILIPS-74AHC1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHC1G32 NXP-74AHC1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Toshiba Semiconductor
TC7SL32F TOSHIBA-TC7SL32F_01 Datasheet
227Kb / 6P
   2-INPUT OR GATE
TC7SZ32AFE TOSHIBA-TC7SZ32AFE_07 Datasheet
154Kb / 5P
   2 Input OR Gate
TC7S32F TOSHIBA-TC7S32F_01 Datasheet
229Kb / 6P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32_15 Datasheet
98Kb / 10P
   2-input OR Gate
logo
Unisonic Technologies
U7SH32 UTC-U7SH32_15 Datasheet
138Kb / 4P
   2-INPUT OR GATE
logo
Renesas Technology Corp
HD74ALVC1G32 RENESAS-HD74ALVC1G32 Datasheet
76Kb / 8P
   2-input OR Gate
logo
Toshiba Semiconductor
TC7SH32F TOSHIBA-TC7SH32F_09 Datasheet
173Kb / 7P
   2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com