Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC107N Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74HC107N
Descripción Electrónicos  Dual JK flip-flop with reset; negative-edge trigger
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC107N Datasheet(HTML) 7 Page - NXP Semiconductors

  74HC107N Datasheet HTML 1Page - NXP Semiconductors 74HC107N Datasheet HTML 2Page - NXP Semiconductors 74HC107N Datasheet HTML 3Page - NXP Semiconductors 74HC107N Datasheet HTML 4Page - NXP Semiconductors 74HC107N Datasheet HTML 5Page - NXP Semiconductors 74HC107N Datasheet HTML 6Page - NXP Semiconductors 74HC107N Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
December 1990
7
Philips Semiconductors
Product specification
Dual JK flip-flop with reset; negative-edge trigger
74HC/HCT107
AC WAVEFORMS
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.6
Waveforms showing the clock (nCP) to output (nQ, nQ) propagation delays, the clock pulse width, the J
and K to nCP set-up and hold times, the output transition times and the maximum clock pulse frequency.
The shaded areas indicate when the input is permitted to
change for predictable output performance.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7
Waveforms showing the reset (nR) input to output (nQ, nQ) propagation delays, the reset pulse width and
the nR to nCP removal time.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.


Número de pieza similar - 74HC107N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC107 NEXPERIA-74HC107 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 6 - 7 July 2021
74HC107-Q100 NEXPERIA-74HC107-Q100 Datasheet
747Kb / 17P
   Dual JK flip-flop with reset; negative-edge trigger
74HC107-Q100 NEXPERIA-74HC107-Q100 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
74HC107D NEXPERIA-74HC107D Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 6 - 7 July 2021
74HC107D-Q100 NEXPERIA-74HC107D-Q100 Datasheet
747Kb / 17P
   Dual JK flip-flop with reset; negative-edge trigger
More results

Descripción similar - 74HC107N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HCT107-Q100 NEXPERIA-74HCT107-Q100 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
logo
NXP Semiconductors
74HC73 NXP-74HC73 Datasheet
457Kb / 16P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
74HC73 PHILIPS-74HC73 Datasheet
52Kb / 7P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 03-12 November 2004
74LV107 PHILIPS-74LV107 Datasheet
121Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
logo
Nexperia B.V. All right...
74HC73-Q100 NEXPERIA-74HC73-Q100 Datasheet
221Kb / 12P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 1 - 4 December 2020
74HC73 NEXPERIA-74HC73 Datasheet
245Kb / 13P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 7 - 13 September 2021
74HCT107 NEXPERIA-74HCT107 Datasheet
259Kb / 15P
   Dual JK flip-flop with reset; negative-edge trigger
Rev. 6 - 7 July 2021
74HC107-Q100 NEXPERIA-74HC107-Q100 Datasheet
747Kb / 17P
   Dual JK flip-flop with reset; negative-edge trigger
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
   Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
logo
NXP Semiconductors
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
   Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com