Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMV1233-003 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

No. de pieza SMV1233-003
Descripción Electrónicos  Hyperabrupt Tuning Varactors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1233-003 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SMV1233-003 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1233-003 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1233-003 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1233-003 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1233-003 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1233-003 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1233-003 Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DATA SHEET • SMV1231–SMV1237
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200058 Rev. C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • January 20, 2005
3
0.1
10.0
1.0
100.0
6.0
8.0
4.0
Reverse Voltage (V)
Capacitance vs. Reverse Voltage
2.0
0
SMV1237
SMV1236
SMV1235
SMV1231
SMV1234
SMV1233
SMV1232
-4
-3
-2
-1
0
1
2
3
4
5
-40
-20
0
20
40
60
80
Temperature (˚C)
Relative Capacitance Change
vs. Temperature
VR = 1 V
VR = 3 V
10
8
6
4
2
0
-2
-4
-6
-8
-40
-20
0
20
40
60
80
Temperature (˚C)
Relative Series Resistance Change
vs. Temperature @ 500 MHz
0
1
2
3
Reverse Voltage (V)
Series Resistance vs. Reverse Voltage
@ 500 MHz
01
2
3
4
5
SMV1232
SMV1231
SMV1233
SMV1234
SMV1235
SMV1237
SMV1236
Typical Performance Data


Número de pieza similar - SMV1233-003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Industries
SMV1233-003 ALPHA-SMV1233-003 Datasheet
42Kb / 4P
   Hyperabrupt Tuning Varactors
More results

Descripción similar - SMV1233-003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Industries
SMV1247 ALPHA-SMV1247 Datasheet
502Kb / 4P
   Hyperabrupt Tuning Varactors
SMV1232 ALPHA-SMV1232 Datasheet
42Kb / 4P
   Hyperabrupt Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1247 SKYWORKS-SMV1247 Datasheet
82Kb / 6P
   Hyperabrupt Tuning Varactors
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com