Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5915B Datasheet(PDF) 2 Page - Microsemi Corporation

No. de pieza 1N5915B
Descripción Electrónicos  Axial-Leaded 1.5 Watt Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5915B Datasheet(HTML) 2 Page - Microsemi Corporation

  1N5915B Datasheet HTML 1Page - Microsemi Corporation 1N5915B Datasheet HTML 2Page - Microsemi Corporation 1N5915B Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Axial-Leaded 1.5 Watt Zener Diodes
SCOTTSD A L E DIVISION
1N5913BP thru 1N5956BP (Plastic)
ELECTRICAL CHARACTERISTICS @ TL = 30oC
ZENER
VOLTAGE
VZ
TEST
CURRENT
IZT
MAXIMUM
DYNAMIC
IMPEDANCE
ZZT
KNEE
CURRENT
IZK
MAXIMUM
KNEE
IMPEDANCE
ZZK
MAXIMUM
REVERSE
CURRENT
IR @ VR
REVERSE
VOLTAGE
VR
MAX. DC
CURRENT
IZM
JEDEC
TYPE
NUMBER
(note 1)
Volts
mA
Ohms
mA
Ohms
µAdc
Volts
mA
1N5913B
1N5914B
1N5915B
1N5916B
1N5917B
3.3
3.6
3.9
4.3
4.7
113.6
104.2
96.1
87.2
79.8
10
9.0
7.5
6.0
5.0
1.0
1.0
1.0
1.0
1.0
500
500
500
500
500
100
75
25
5.0
5.0
1.0
1.0
1.0
1.0
1.5
454
416
384
348
319
1N5918B
1N5919B
1N5920B
1N5921B
1N5922B
5.1
5.6
6.2
6.8
7.5
73.5
66.9
60.5
55.1
50
4.0
2.0
2.0
2.5
3.0
1.0
1.0
1.0
1.0
0.5
350
250
200
200
400
5.0
5.0
5.0
5.0
5.0
2.0
3.0
4.0
5.2
6.0
294
267
241
220
200
1N5923B
1N5924B
1N5925B
1N5926B
1N5927B
8.2
9.1
10
11
12
45.7
41.2
37.5
34.1
31.2
3.5
4.0
4.5
5.5
6.5
0.5
0.5
0.25
0.25
0.25
400
500
500
550
550
5.0
5.0
5.0
1.0
1.0
6.5
7.0
8.0
8.4
9.1
182
164
150
136
125
1N5928B
1N5929B
1N5930B
1N5931B
1N5932B
13
15
16
18
20
28.8
25
23.4
20.8
18.7
7.0
9.0
10
12
14
0.25
0.25
0.25
0.25
0.25
550
600
600
650
650
1.0
1.0
1.0
1.0
1.0
9.9
11.4
12.2
13.7
15.2
115
100
93
83
75
1N5933B
1N5934B
1N5935B
1N5936B
1N5937B
22
24
27
30
33
17
15.6
13.9
12.5
11.4
17.5
19
23
28
33
0.25
0.25
0.25
0.25
0.25
650
700
700
750
800
1.0
1.0
1.0
1.0
1.0
16.7
18.2
20.6
22.8
25.1
68
62
55
50
45
1N5938B
1N5939B
1N5940B
1N5941B
1N5942B
36
39
43
47
51
10.4
9.6
8.7
8.0
7.3
38
45
53
67
70
0.25
0.25
0.25
0.25
0.25
850
900
950
1000
1100
1.0
1.0
1.0
1.0
1.0
27.4
29.7
32.7
35.8
38.8
41
38
34
31
29
1N5943B
1N5944B
1N5945B
1N5946B
1N5947B
56
62
68
75
82
6.7
6.0
5.5
5.0
4.6
86
100
120
140
160
0.25
0.25
0.25
0.25
0.25
1300
1500
1700
2000
2500
1.0
1.0
1.0
1.0
1.0
42.6
47.1
51.2
56
62.2
26
24
22
20
18
1N5948B
1N5949B
1N5950B
1N5951B
1N5952B
91
100
110
120
130
4.1
3.7
3.4
3.1
2.9
200
250
300
380
450
0.25
0.25
0.25
0.25
0.25
3000
3100
4000
4500
5000
1.0
1.0
1.0
1.0
1.0
69.2
76
83.6
91.2
98.8
16
15
13
12
11
1N5953B
1N5954B
1N5955B
1N5956B
150
160
180
200
2.5
2.3
2.1
1.9
600
700
900
1200
0.25
0.25
0.25
0.25
6000
6500
7000
8000
1.0
1.0
1.0
1.0
114
121.6
136.8
152
10
9.0
8.0
7.0
NOTES:
1.
No suffix indicates a +/-20% tolerance on nominal VZ. Suffix A denotes a +/-10% tolerance, B denotes a +/-5% tolerance, C denotes a
2% tolerance, and D denotes a +/-1% tolerance. Also add a P suffix for plastic construction, e.g. 1N5956BP (G suffix designates glass
body options described by separate data sheet).
2.
Zener voltage (
VZ) is measured at TL = 30
oC and 90 seconds after application of dc current.
3.
The zener impedance is derived from the 60 Hz ac voltage, which results when an ac current having an rms value equal to 10% of the
dc zener current (IZT or IZK) is superimposed on IZT or IZK. See MicroNote 202 for zener impedance variation with different operating
currents.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2003
10-13-2003 REV B


Número de pieza similar - 1N5915B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
1N5915B JGD-1N5915B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
SUNMATE electronic Co.,...
1N5915B SUNMATE-1N5915B Datasheet
346Kb / 2P
   1.5 Watts Axial Leaded Zener Diodes
logo
Microsemi Corporation
1N5915B MICROSEMI-1N5915B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
Inchange Semiconductor ...
1N5915B ISC-1N5915B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
Central Semiconductor C...
1N5915B CENTRAL-1N5915B Datasheet
53Kb / 1P
   ZENER DIODES
More results

Descripción similar - 1N5915B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N5913BG MICROSEMI-1N5913BG Datasheet
227Kb / 3P
   Axial-Leaded 1.5 Watt Zener Diodes
logo
Inchange Semiconductor ...
1N5915B ISC-1N5915B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
American Microsemicondu...
1N5936B AMMSEMI-1N5936B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5944B AMMSEMI-1N5944B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5950B AMMSEMI-1N5950B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
Inchange Semiconductor ...
1N5917B ISC-1N5917B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5919B ISC-1N5919B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
American Microsemicondu...
1N5922B AMMSEMI-1N5922B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5932B AMMSEMI-1N5932B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
1N5933B AMMSEMI-1N5933B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com