Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WV3HG264M72EEU534PD4MG Datasheet(PDF) 2 Page - White Electronic Designs Corporation

No. de pieza WV3HG264M72EEU534PD4MG
Descripción Electrónicos  1GB - 2x64Mx72 DDR2 SDRAM UDIMM, SO-DIMM w/PLL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEDC [White Electronic Designs Corporation]
Página de inicio  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M72EEU534PD4MG Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WV3HG264M72EEU534PD4MG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG264M72EEU534PD4MG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG264M72EEU534PD4MG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M72EEU534PD4MG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M72EEU534PD4MG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M72EEU534PD4MG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M72EEU534PD4MG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M72EEU534PD4MG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M72EEU534PD4MG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
WV3HG264M72EEU-PD4
April 2006
Rev. 2
ADVANCED
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PIN CONFIGURATION
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
Pin No.
Symbol
1VREF
51
DQ18
101
VCC
151
VSS
2VSS
52
VSS
102
A6
152
VSS
3
DQ0
53
DQ19
103
A5
153
DQS5#
4
DQ4
54
DQ28
104
A4
154
DM5
5VSS
55
VSS
105
A3
155
DQS5
6
DQ5
56
DQ29
106
VCC
156
VSS
7
DQ1
57
DQ24
107
A2
157
VSS
8VSS
58
VSS
108
A1
158
DQ46
9
DQS0#
59
DQ25
109
VCC
159
DQ42
10
DM0
60
DM3
110
A0
160
DQ47
11
DQS0
61
VSS
111
A10/AP
161
DQ43
12
VSS
62
VSS
112
BA1
162
VSS
13
VSS
63
DQS3#
113
BA0
163
VSS
14
DQ6
64
DQ30
114
VCC
164
DQ52
15
DQ2
65
DQS3
115
RAS#
165
DQ48
16
DQ7
66
DQ31
116
WE#
166
DQ53
17
DQ3
67
VSS
117
VCC
167
DQ49
18
VSS
68
VSS
118
CS0#
168
VSS
19
VSS
69
DQ26
119
CAS#
169
VSS
20
DQ12
70
CB4
120
ODT0
170
DM6
21
DQ8
71
DQ27
121
CS1#
171
DQS6#
22
DQ13
72
CB5
122
A13
172
VSS
23
DQ9
73
VSS
123
VCC
173
DQS6
24
VSS
74
VSS
124
VCC
174
DQ54
25
VSS
75
CB0
125
ODT1
175
VSS
26
DM1
76
DM8
126
CK
176
DQ55
27
DQS1#
77
CB1
127
NC
177
DQ50
28
VSS
78
VSS
128
CK#
178
VSS
29
DQS1
79
VSS
129
DQ32
179
DQ51
30
DQ14
80
CB6
130
VSS
180
DQ60
31
VSS
81
DQS8#
131
VSS
181
VSS
32
DQ15
82
CB7
132
DQ36
182
DQ61
33
DQ10
83
DQS8
133
DQ33
183
DQ56
34
VSS
84
VSS
134
DQ37
184
VSS
35
DQ11
85
VSS
135
DQS4#
185
DQ57
36
DQ20
86
CB2
136
VSS
186
DM7
37
VSS
87
CKE0
137
DQS4
187
VSS
38
DQ21
88
CB3
138
DM4
188
DQ62
39
DQ16
89
NC
139
VSS
189
DQS7#
40
VSS
90
VSS
140
VSS
190
VSS
41
DQ17
91
NC
141
DQ34
191
DQS7
42
RESET#
92
NC
142
DQ38
192
DQ63
43
VSS
93
VCC
143
DQ35
193
DQ58
44
DM2
94
NC
144
DQ39
194
SDA
45
DQS2#
95
A12
145
VSS
195
VSS
46
VSS
96
A11
146
VSS
196
SCL
47
DQS2
97
A9
147
DQ40
197
DQ59
48
DQ22
98
VCC
148
DQ44
198
SA1
49
VSS
99
A7
149
DQ41
199
VCCSPD
50
DQ23
100
A8
150
DQ45
200
SA0
PIN NAMES
Pin Name
Function
A0-A13
Address Inputs
BA0, BA1
SDRAM Bank Address
DQ0-DQ63
Data Input/Output
CB0-CB7
Check Bits
DQS0-DQS8
Data strobes
DQS0#-DQS8#
Data strobes complement
ODT0, ODT1
On-die termination controls
CK,CK#
Clock inputs
CKE0, CKE1
Clock enable inputs
CS0#, CS1#
Chip select inputs
RAS#
Row Address Strobe
CAS#
Column Address Strobe
WE#
Write Enable
RESET#
Register reset input
VCC
Core Power
VSS
Ground
SA0-SA1
SPD address
SDA
Serial Data Input/Output
VREF
Input/Output Reference Voltage
DM0-DM8
Data-in mask
VCCSPD
Serial EEPROM power supply
SCL
SPD Clock Input
NC
No connect


Número de pieza similar - WV3HG264M72EEU534PD4MG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
White Electronic Design...
WV3HG264M72EEU534D6GG WEDC-WV3HG264M72EEU534D6GG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU534D6MG WEDC-WV3HG264M72EEU534D6MG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU534D6SG WEDC-WV3HG264M72EEU534D6SG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU534D7IMG WEDC-WV3HG264M72EEU534D7IMG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EEU534D7ISG WEDC-WV3HG264M72EEU534D7ISG Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
More results

Descripción similar - WV3HG264M72EEU534PD4MG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
White Electronic Design...
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EEU-D7 WEDC-WV3HG264M72EEU-D7 Datasheet
221Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
logo
Elpida Memory
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN01G64D1BG1MT-2A[W]R ETC2-SEN01G64D1BG1MT-2A[W]R Datasheet
680Kb / 14P
   1GB DDR2 . SDRAM SO-DIMM
logo
Elpida Memory
EBE11UE6ACSA ELPIDA-EBE11UE6ACSA Datasheet
299Kb / 27P
   1GB DDR2 SDRAM SO-DIMM
EBE11UD8ABDA ELPIDA-EBE11UD8ABDA Datasheet
224Kb / 21P
   1GB DDR2 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com