Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

WV3HG264M72EEU665D7ISG Datasheet(PDF) 4 Page - White Electronic Designs Corporation

No. de pieza WV3HG264M72EEU665D7ISG
Descripción Electrónicos  1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED, w/PLL, Mini-DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEDC [White Electronic Designs Corporation]
Página de inicio  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WV3HG264M72EEU665D7ISG Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WV3HG264M72EEU665D7ISG Datasheet HTML 1Page - White Electronic Designs Corporation WV3HG264M72EEU665D7ISG Datasheet HTML 2Page - White Electronic Designs Corporation WV3HG264M72EEU665D7ISG Datasheet HTML 3Page - White Electronic Designs Corporation WV3HG264M72EEU665D7ISG Datasheet HTML 4Page - White Electronic Designs Corporation WV3HG264M72EEU665D7ISG Datasheet HTML 5Page - White Electronic Designs Corporation WV3HG264M72EEU665D7ISG Datasheet HTML 6Page - White Electronic Designs Corporation WV3HG264M72EEU665D7ISG Datasheet HTML 7Page - White Electronic Designs Corporation WV3HG264M72EEU665D7ISG Datasheet HTML 8Page - White Electronic Designs Corporation WV3HG264M72EEU665D7ISG Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
WV3HG264M72EEU-D7
May 2006
Rev. 0
ADVANCED
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
DC OPERATING CONDITIONS
All voltages referenced to VSS
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Supply Voltage
VCC
1.7
1.8
1.9
V
3
I/O Reference Voltage
VREF
0.49 x VCC
0.50 x VCC
0.51 x VCC
V1
I/O Termination Voltage
VTT
VREF-0.04
VREF
VREF+0.04
V
2
SPD Supply Voltage
VCCSPD
1.7
-
3.6
V
Notes:
1
VREF is expected to equal VCC/2 of the transmitting device and to track variations in the DC level of the same. Peak-to-peak noise on VREF may not exceed +/-1 percent of the
DC value. Peak-to-peak AC noise on VREF may not exceed +/-2 percent of VREF. This measurement is to be taken at the nearest VREF bypass capacitor.
2. VTT is not applied directly to the device. VTT is a system supply for signal termination resistors, is expected to be set equal to VREF and must track variations in the DC level of VREF.
3. VCCQ of all IC's are tied to VCC.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min
Max
Units
VCC
Voltage on VCC pin relative to VSS
-0.5
2.3
V
VIN, VOUT
Voltage on any pin relative to VSS
-0.5
2.3
V
TSTG
Storage Temperature
-55
100
°C
IL
Input leakage current; Any input 0V<VIN<VCC; VREF input
0V,VIN,0.95V; Other pins not under test = 0V
Command/Address,
RAS#, CAS#, WE#,
-90
90
µA
CS#, CKE, ODT
-45
45
µA
CK, CK#
-10
10
µA
DM
-10
10
µA
IOZ
Output leakage current; 0V<VIN<VCC; DQs and ODT are disable
DQ, DQS, DQS#
-10
10
µA
IVREF
VREF leakage current; VREF = Valid VREF level
-36
36
µA
INPUT/OUTPUT CAPACITANCE
TA=25 0 C, f=1 00MHz
Parameter
Symbol
Min
Max
Unit
Input capacitance (A0 - A13, BA0 - BA1 ,RAS#,CAS#,WE#)
CIN1
22
40
pF
Input capacitance ( CKE0, CKE1), (ODT0, ODT1)
CIN2
13
22
pF
Input capacitance (CS0#, CS1#)
CIN3
13
22
pF
Input capacitance (CK0, CK0#)
CIN4
67
pF
Input capacitance (DM0 - DM8), (DQS0 - DQS8)
CIN5 (665)
911
pF
CIN5 (534, 403)
912
pF
Input capacitance (DQ0 - DQ63), (CB0 - CB7)
COUT1 (665)
911
pF
COUT1 (534, 403)
912
pF


Número de pieza similar - WV3HG264M72EEU665D7ISG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
White Electronic Design...
WV3HG264M72EEU665D6GG WEDC-WV3HG264M72EEU665D6GG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU665D6MG WEDC-WV3HG264M72EEU665D6MG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG264M72EEU665D6SG WEDC-WV3HG264M72EEU665D6SG Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
More results

Descripción similar - WV3HG264M72EEU665D7ISG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
White Electronic Design...
WV3HG264M72EER-D7 WEDC-WV3HG264M72EER-D7 Datasheet
235Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3HG264M72EER-AD7 WEDC-W3HG264M72EER-AD7 Datasheet
211Kb / 14P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, w/PLL, VLP Mini-DIMM
WV3HG264M72EER-PD4 WEDC-WV3HG264M72EER-PD4 Datasheet
213Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
WV3HG264M72EEU-PD4 WEDC-WV3HG264M72EEU-PD4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UDIMM, SO-DIMM w/PLL
WV3HG264M72EEU-D6 WEDC-WV3HG264M72EEU-D6 Datasheet
185Kb / 11P
   1GB - 2x64Mx72 DDR2 SDRAM UNBUFFERED
WV3HG128M72EEU-PD4 WEDC-WV3HG128M72EEU-PD4 Datasheet
174Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM UNBUFFERED, SO-DIMM w/PLL
W3EG72128S-AD4 WEDC-W3EG72128S-AD4 Datasheet
197Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
logo
Elpida Memory
EBE10UE8AEFA ELPIDA-EBE10UE8AEFA Datasheet
241Kb / 30P
   1GB Unbuffered DDR2 SDRAM DIMM
EBE11ED8AJWA ELPIDA-EBE11ED8AJWA Datasheet
255Kb / 29P
   1GB Unbuffered DDR2 SDRAM DIMM
logo
White Electronic Design...
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com