Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M27C4002-90J1X Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza M27C4002-90J1X
Descripción Electrónicos  4 Mbit (256Kb x16) UV EPROM and OTP EPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C4002-90J1X Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M27C4002-90J1X Datasheet HTML 2Page - STMicroelectronics M27C4002-90J1X Datasheet HTML 3Page - STMicroelectronics M27C4002-90J1X Datasheet HTML 4Page - STMicroelectronics M27C4002-90J1X Datasheet HTML 5Page - STMicroelectronics M27C4002-90J1X Datasheet HTML 6Page - STMicroelectronics M27C4002-90J1X Datasheet HTML 7Page - STMicroelectronics M27C4002-90J1X Datasheet HTML 8Page - STMicroelectronics M27C4002-90J1X Datasheet HTML 9Page - STMicroelectronics M27C4002-90J1X Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
M27C4002
6/18
Table 8B. Read Mode AC Characteristics (1)
(TA = 0 to 70°C or –40 to 85°C; VCC = 5V ± 5% or 5V ± 10%; VPP =VCC)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
Table 8C. Read Mode AC Characteristics (1)
(TA = 0 to 70°C or –40 to 85°C; VCC = 5V ± 5% or 5V ± 10%; VPP =VCC)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
Symbol
Alt
Parameter
Test Condition
M27C4002
Unit
-80
-90
-10
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to
Output Valid
E =VIL,G =VIL
80
90
100
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G =VIL
80
90
100
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E =VIL
40
40
50
ns
tEHQZ
(2)
tDF
Chip Enable High to
Output Hi-Z
G =VIL
0300
30
0
30
ns
tGHQZ
(2)
tDF
Output Enable High
to Output Hi-Z
E =VIL
0300
30
0
30
ns
tAXQX
tOH
Address Transition
to Output Transition
E =VIL,G =VIL
00
0
ns
Symbol
Alt
Parameter
Test Condition
M27C4002
Unit
-12
-15
-20
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to
Output Valid
E =VIL,G =VIL
120
150
200
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G =VIL
120
150
200
ns
tGLQV
tOE
Output Enable Low
to Output Valid
E =VIL
60
60
70
ns
tEHQZ
(2)
tDF
Chip Enable High to
Output Hi-Z
G =VIL
0
400
50
080
ns
tGHQZ
(2)
tDF
Output Enable High
to Output Hi-Z
E =VIL
0
400
50
080
ns
tAXQX
tOH
Address Transition
to Output Transition
E =VIL,G =VIL
000
ns


Número de pieza similar - M27C4002-90J1X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M27C4002-90B1TR STMICROELECTRONICS-M27C4002-90B1TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-90B6TR STMICROELECTRONICS-M27C4002-90B6TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-90C1TR STMICROELECTRONICS-M27C4002-90C1TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-90C6TR STMICROELECTRONICS-M27C4002-90C6TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-90F1TR STMICROELECTRONICS-M27C4002-90F1TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
More results

Descripción similar - M27C4002-90J1X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
   4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May 1999
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
July 2000
M27W400 STMICROELECTRONICS-M27W400 Datasheet
140Kb / 15P
   4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com