Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M27C4002-45XJ1X Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza M27C4002-45XJ1X
Descripción Electrónicos  4 Mbit (256Kb x16) UV EPROM and OTP EPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C4002-45XJ1X Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M27C4002-45XJ1X Datasheet HTML 6Page - STMicroelectronics M27C4002-45XJ1X Datasheet HTML 7Page - STMicroelectronics M27C4002-45XJ1X Datasheet HTML 8Page - STMicroelectronics M27C4002-45XJ1X Datasheet HTML 9Page - STMicroelectronics M27C4002-45XJ1X Datasheet HTML 10Page - STMicroelectronics M27C4002-45XJ1X Datasheet HTML 11Page - STMicroelectronics M27C4002-45XJ1X Datasheet HTML 12Page - STMicroelectronics M27C4002-45XJ1X Datasheet HTML 13Page - STMicroelectronics M27C4002-45XJ1X Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
M27C4002
10/18
Electronic Signature
The Electronic Signature (ES) mode allows the
reading out of a binary code from an EPROM that
will identify its manufacturer and type. This mode
is intended for use by programming equipment to
automatically match the device to be programmed
with its corresponding programming algorithm.
The ES mode is functional in the 25°C ± 5°C am-
bient temperature range that is required when pro-
gramming the M27C4002. To activate the ES
mode, the programming equipment must force
11.5V to 12.5V on address line A9 of the
M27C4002 with VPP =VCC = 5V. Two identifier
bytes may then be sequenced from the device out-
puts by toggling address line A0 from VIL to VIH.All
other address lines must be held at VIL during
Electronic Signature mode. Byte 0 (A0 = VIL) rep-
resents the manufacturer code and byte 1
(A0 = VIH) the device identifier code. For the ST-
Microelectronics M27C4002, these two identifier
bytes are given in Table 4 and can be read-out on
outputs Q7 to Q0.
ERASURE OPERATION (applies to UV EPROM)
The erasure characteristics of the M27C4002 are
such that erasure begins when the cells are ex-
posed to light with wavelengths shorter than ap-
proximately 4000 Å. It should be noted that
sunlight and some type of fluorescent lamps have
wavelengths in the 3000-4000 Å range. Research
shows that constant exposure to room level fluo-
rescent lighting could erase a typical M27C4002 in
about 3 years, while it would take approximately 1
week to cause erasure when exposed to direct
sunlight. If the M27C4002 is to be exposed to
these types of lighting conditions for extended pe-
riods of time, it is suggested that opaque labels be
put over the M27C4002 window to prevent unin-
tentional erasure. The recommended erasure pro-
cedure for the M27C4002 is exposure to short
wave ultraviolet light which has wavelength 2537
Å. The integrated dose (i.e. UV intensity x expo-
sure time) for erasure should be a minimum of 15
W-sec/cm2. The erasure time with this dosage is
approximately 15 to 20 minutes using an ultravio-
let lamp with 12000 µW/cm2 power rating. The
M27C4002 should be placed within 2.5cm (1 inch)
of the lamp tubes during the erasure. Some lamps
have a filter on their tubes which should be re-
movedbeforeerasure.


Número de pieza similar - M27C4002-45XJ1X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M27C4002-45XB1TR STMICROELECTRONICS-M27C4002-45XB1TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-45XB6TR STMICROELECTRONICS-M27C4002-45XB6TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-45XC1TR STMICROELECTRONICS-M27C4002-45XC1TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-45XC6TR STMICROELECTRONICS-M27C4002-45XC6TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-45XF1TR STMICROELECTRONICS-M27C4002-45XF1TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
More results

Descripción similar - M27C4002-45XJ1X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
   4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May 1999
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
July 2000
M27W400 STMICROELECTRONICS-M27W400 Datasheet
140Kb / 15P
   4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com