Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M27C4002-60XJ1X Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza M27C4002-60XJ1X
Descripción Electrónicos  4 Mbit (256Kb x16) UV EPROM and OTP EPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C4002-60XJ1X Datasheet(HTML) 1 Page - STMicroelectronics

  M27C4002-60XJ1X Datasheet HTML 1Page - STMicroelectronics M27C4002-60XJ1X Datasheet HTML 2Page - STMicroelectronics M27C4002-60XJ1X Datasheet HTML 3Page - STMicroelectronics M27C4002-60XJ1X Datasheet HTML 4Page - STMicroelectronics M27C4002-60XJ1X Datasheet HTML 5Page - STMicroelectronics M27C4002-60XJ1X Datasheet HTML 6Page - STMicroelectronics M27C4002-60XJ1X Datasheet HTML 7Page - STMicroelectronics M27C4002-60XJ1X Datasheet HTML 8Page - STMicroelectronics M27C4002-60XJ1X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
August 2001
M27C4002
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
s
5V ± 10% SUPPLY VOLTAGE in READ
OPERATION
s
ACCESS TIME: 45ns
s
LOW POWER CONSUMPTION:
– Active Current 70mA at 10MHz
– Standby Current 100µA
s
PROGRAMMING VOLTAGE: 12.75V ± 0.25V
s
PROGRAMMING TIME: 100µs/word
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: 44h
DESCRIPTION
The M27C4002 is a 4 Mbit EPROM offered in the
two ranges UV (ultra violet erase) and OTP (one
time programmable). It is ideally suited for micro-
processor systems requiring large programs and
is organised as 262,144 words of 16 bits.
The FDIP40W (window ceramic frit-seal package)
and the JLCC44W (J-lead chip carrier packages)
have transparent lids which allow the user to ex-
pose the chip to ultraviolet light to erase the bit pat-
tern. A new pattern can then be written to the
device by following the programming procedure.
For applications where the content is programmed
only one time and erasure is not required, the
M27C4002 is offered in PDIP40, PLCC44 and
TSOP40 (10 x 20 mm) packages.
Figure 1. Logic Diagram
AI00727B
18
A0-A17
Q0-Q15
VPP
VCC
M27C4002
VSS
16
G
E
JLCC44W (J)
1
40
1
40
FDIP40W (F)
PDIP40 (B)
PLCC44 (C)
TSOP40 (N)
10 x 20 mm


Número de pieza similar - M27C4002-60XJ1X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M27C4002-60XB1TR STMICROELECTRONICS-M27C4002-60XB1TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-60XB6TR STMICROELECTRONICS-M27C4002-60XB6TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-60XC1TR STMICROELECTRONICS-M27C4002-60XC1TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-60XC6TR STMICROELECTRONICS-M27C4002-60XC6TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-60XF1TR STMICROELECTRONICS-M27C4002-60XF1TR Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
More results

Descripción similar - M27C4002-60XJ1X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
   4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May 1999
M27V400 STMICROELECTRONICS-M27V400 Datasheet
117Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
July 2000
M27W400 STMICROELECTRONICS-M27W400 Datasheet
140Kb / 15P
   4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
   1 Mbit (64Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com