Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M27C4002-80N1X Datasheet(PDF) 1 Page - STMicroelectronics |
|
M27C4002-80N1X Datasheet(HTML) 1 Page - STMicroelectronics |
1 / 18 page 1/18 August 2001 M27C4002 4 Mbit (256Kb x16) UV EPROM and OTP EPROM s 5V ± 10% SUPPLY VOLTAGE in READ OPERATION s ACCESS TIME: 45ns s LOW POWER CONSUMPTION: – Active Current 70mA at 10MHz – Standby Current 100µA s PROGRAMMING VOLTAGE: 12.75V ± 0.25V s PROGRAMMING TIME: 100µs/word s ELECTRONIC SIGNATURE – Manufacturer Code: 20h – Device Code: 44h DESCRIPTION The M27C4002 is a 4 Mbit EPROM offered in the two ranges UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for micro- processor systems requiring large programs and is organised as 262,144 words of 16 bits. The FDIP40W (window ceramic frit-seal package) and the JLCC44W (J-lead chip carrier packages) have transparent lids which allow the user to ex- pose the chip to ultraviolet light to erase the bit pat- tern. A new pattern can then be written to the device by following the programming procedure. For applications where the content is programmed only one time and erasure is not required, the M27C4002 is offered in PDIP40, PLCC44 and TSOP40 (10 x 20 mm) packages. Figure 1. Logic Diagram AI00727B 18 A0-A17 Q0-Q15 VPP VCC M27C4002 VSS 16 G E JLCC44W (J) 1 40 1 40 FDIP40W (F) PDIP40 (B) PLCC44 (C) TSOP40 (N) 10 x 20 mm |
Número de pieza similar - M27C4002-80N1X |
|
Descripción similar - M27C4002-80N1X |