Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M27C4002-80J6X Datasheet(PDF) 11 Page - STMicroelectronics |
|
M27C4002-80J6X Datasheet(HTML) 11 Page - STMicroelectronics |
11 / 18 page 11/18 M27C4002 Table 11. Ordering Information Scheme Note: 1. High Speed, see AC Characteristics section for further information. For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de- vice, please contact the STMicroelectronics Sales Office nearest to you. Example: M27C4002 -80 X C 1 X Device Type M27 Supply Voltage C=5V Device Function 4002 = 4 Mbit (256Kb x16) Speed -45 (1) =45ns -60 (1) =60ns -70 = 70 ns -80 = 80 ns -90 = 90 ns -10 = 100 ns -12 = 120 ns -15 = 150 ns -20 = 200 ns VCC Tolerance blank = ± 10% X=±5% Package F = FDIP40W B = PDIP40 J = JLCC44W C = PLCC44 N = TSOP40: 10 x 20 mm Temperature Range 1 = 0 to 70 °C 6 = –40 to 85 °C Options X = Additional Burn-in TR = Tape & Reel Packing |
Número de pieza similar - M27C4002-80J6X |
|
Descripción similar - M27C4002-80J6X |