Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSA201 Datasheet(PDF) 4 Page - Fairchild Semiconductor

No. de pieza FSA201
Descripción Electrónicos  USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA201 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSA201 Datasheet HTML 1Page - Fairchild Semiconductor FSA201 Datasheet HTML 2Page - Fairchild Semiconductor FSA201 Datasheet HTML 3Page - Fairchild Semiconductor FSA201 Datasheet HTML 4Page - Fairchild Semiconductor FSA201 Datasheet HTML 5Page - Fairchild Semiconductor FSA201 Datasheet HTML 6Page - Fairchild Semiconductor FSA201 Datasheet HTML 7Page - Fairchild Semiconductor FSA201 Datasheet HTML 8Page - Fairchild Semiconductor FSA201 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA201 Rev. 1.1.9
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Conditions
VAudio
Supply Voltage
-0.5V to 6.0V
Vbus
Supply Voltage
-0.5V to 6.0V
R, L Pins
(Vaudio- 7.0V) to (Vaudio+ 0.3V)
VSW
Switch I/O Voltage
(3)
D+, D-, D+/R, D-/L Pins
(Vbus- 7.0V) to (Vbus+ 0.3V)
ASel
Control Input Voltage
(3)
-0.5V to + 6.0V
IIK
Input Clamp Diode Current
- 50mA
USB
50mA
ISW
Switch I/O Current (Continuous)
Audio
250mA
USB
100mA
ISWPEAK
Peak Switch Current (Pulsed at 1ms
Duration, <10% Duty Cycle)
Audio
500mA
TSTG
Storage Temperature Range
-65
°C to +150°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 seconds)
+260
°C
I/O to GND
10kV
Human Body Model
(JEDEC: JESD22-A114)
All Other Pins
8kV
ESD
Charge Discharge Model (JEDEC-JESD-C101)
2kV
Notes:
3.
The input and output negative ratings may be exceeded if the input and output diode current ratings are
observed.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Minimum
Maximum
VAudio
Supply Voltage
3.0V
3.6V
Vbus
Supply Voltage
4.25V
5.5V
ASel
Control Input Voltage
0V
VAudio
VSW
Switch I/O Voltage
VAudio– 6.5V
VAudio– 0.3V
TA
Operating Temperature
-40ºC
85ºC
θJA
Thermal Resistance (free air)
MicroPak 10L package
330ºC / W (estimated)


Número de pieza similar - FSA201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSA201 FAIRCHILD-FSA201 Datasheet
1Mb / 21P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA201 ONSEMI-FSA201 Datasheet
555Kb / 21P
   USB2.0 Full-Speed and Audio Switches
June 2012 Rev. 1.2.2
logo
Fairchild Semiconductor
FSA201L10X FAIRCHILD-FSA201L10X Datasheet
1Mb / 21P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA201L10X ONSEMI-FSA201L10X Datasheet
555Kb / 21P
   USB2.0 Full-Speed and Audio Switches
June 2012 Rev. 1.2.2
logo
Fairchild Semiconductor
FSA201MUX FAIRCHILD-FSA201MUX Datasheet
1Mb / 21P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
More results

Descripción similar - FSA201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSA201_0704 FAIRCHILD-FSA201_0704 Datasheet
1Mb / 21P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_12 Datasheet
707Kb / 16P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_12 Datasheet
773Kb / 17P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
328Kb / 18P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA201 ONSEMI-FSA201 Datasheet
555Kb / 21P
   USB2.0 Full-Speed and Audio Switches
June 2012 Rev. 1.2.2
FSA321 ONSEMI-FSA321 Datasheet
552Kb / 14P
   Audio Switches with Negative Signal Capability
March 2013 Rev 1.0.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com