Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FSA201 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de Pieza. FSA201
Descripción  USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
Descarga  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

FSA201 Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA201 Rev. 1.1.9
5
DC Electrical Characteristics
All typical values are at 25ºC unless otherwise specified.
TA = - 40ºC to +85ºC
Symbol
Parameter
VAudio
(V)
Conditions
Min.
Typ.
Max.
Unit
Common Pins
VIK
Clamp Diode
Voltage
2.7
IIK = -18mA
-1.2
VIH
Control Input
Voltage HIGH
2.7 to 3.6
1.3
VIL
Control Input
Voltage LOW
2.7 to 3.6
0.5
V
IIN
ASel Input HIGH
Current
3.6
VCNTRL = 0V to 3.6V
-3
3
µA
IOFF
Power Off Leakage
Current (Common
Port Only D+/R, D-
/L)
Vaudio =
Vbus = 0V
Common Port (D+/R, D-/L)
VSW = 0V to 5.5V
1
µA
INO(0FF)
Off-
LeakageCurrent of
Port
D+, D-, R, L
3.6
Vbus = 0V, 5. 5V
D+/R, D-/L = 0.3V, VAUDIO – 0.3V
D+, D-, R, L = 0.3V, VAUDIO –0.3V
or Floating
See Figure 14
-50
10
50
nA
INC(0N)
On-
LeakageCurrent of
Port D+/R or D-/L
3.6
Vbus = 0V, 5.5V
D+/R, D-/L = 0.3V, VAUDIO – 0.3V
D+, D-, R, L = Floating
See Figure 15
-100
50
100
nA
USB Switch Path
Vbus (V)
USB Analog Signal
Range
0
3.6
V
RONUSB
FS Switch On
Resistance
(4)
4.25
VD+/D- = 0V, 3.0V, ION = -8mA
See Figures 6, 13
3
6
∆ RONUSB
FS Delta RON
(4,6)
4.25
VD+/D- = 3V, ION = -8mA
0.35
Audio Switch Path
VAudio (V)
Audio Analog
Signal Range
Vaudio
6.5
Vaudio
V
RONAudio
Audio Switch On
Resistance
(7)
2.7
VL/R = -2V, 0V, 0.7V, VAUDIO-0.7V,
VAUDIO ION = -100mA, Vbus = 0V
See Figures 5, 13
0.5
1.0
∆ RONAudio
Audio Delta RON
(4)
2.7
VL/R = 0.7V ION = -100mA
0.01
0.1
RFLAT(Audio)
Audio RON
Flatness
(5)
2.7
VL/R = -2V, 0V, 0.7V, 2V, 2.7V
ION = -100mA
0.35
Notes:
4.
∆ RON=RON max – RON min measured at identical VCC, temperature, and voltage. Worst-case signal path, audio or
USB channel, is characterized.
5.
Flatness is defined as the difference between the maximum and minimum values of on resistance over the
specified range of conditions.
6.
Guaranteed by characterization, not production tested.
7.
On resistance is determined by the voltage drop between the A and B pins at the indicated current through the switch.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19