Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FSA201 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FSA201
Descripción Electrónicos  USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA201 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSA201 Datasheet HTML 1Page - Fairchild Semiconductor FSA201 Datasheet HTML 2Page - Fairchild Semiconductor FSA201 Datasheet HTML 3Page - Fairchild Semiconductor FSA201 Datasheet HTML 4Page - Fairchild Semiconductor FSA201 Datasheet HTML 5Page - Fairchild Semiconductor FSA201 Datasheet HTML 6Page - Fairchild Semiconductor FSA201 Datasheet HTML 7Page - Fairchild Semiconductor FSA201 Datasheet HTML 8Page - Fairchild Semiconductor FSA201 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
January 2007
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA201 Rev. 1.1.9
Click to see this datasheet
in Simplified Chinese!
FSA201 USB2.0 Full-Speed and Audio Switches
with Negative Signal Capability
Features
3Ω Typical ON Resistance
-3db Bandwidth: > 250MHz
Low Power Consumption
Packaged in Pb-free 10-Lead MicroPak™
(1.6 x 2.1mm), 10-pin MSOP (Preliminary)
Power-off Protection on Common D+/R, D-/L Ports
Automatically Detects Vbus for Switch Path
Selection
Applications
Cell Phone, PDA, Digital Camera, and Notebook
LCD Monitor, TV, and Set-top Box
Description
The FSA201 is a Double-Pole, Double Throw (DPDT)
multiplexer that combines a low-distortion audio and a
USB2.0 Full-Speed (FS) switch path. This configuration
enables audio and USB data to share a common
connector port. The architecture is designed to allow
audio signals to swing below ground. This means a common
USB and headphone jack can be used for personal media
players and similar portable peripheral devices.
Since USB2.0 is an industry standard for shared data-
path in portable devices, the FSA201 also incorporates
a Vbus detection capability. The FSA201 includes a
power-off feature to minimize current consumption when
Vbus is not present. This power-off circuitry is available
for the common D+/R, D-/L ports only. Typical
applications
involve
switching
in
portables
and
consumer applications, such as cell phones, digital
cameras, and notebooks with hubs or controllers.
Ordering Information
Part Number
Package Number Pb-Free
Packing Description
FSA201L10X
MAC010A
Yes
10-Lead MicroPak, JEDEC MO-255, 1.6 x 2.1mm
FSA201MUX (Preliminary)
MUA10A
Yes
10-Lead MSOP JEDEC MO-187, 3.0 mm Wide
Vbus
Vaudio
Switch Select
Control Circuitry
D+/R
D-/L
D+
R
D-
L
ASel
Rpd
GND
Vbus
Vaudio
Switch Select
Control Circuitry
D+/R
D-/L
D+
R
D-
L
ASel
Rpd
GND
GND
GND
GND
Figure 1.
FSA201 Analog Symbol


Número de pieza similar - FSA201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSA201 FAIRCHILD-FSA201 Datasheet
1Mb / 21P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA201 ONSEMI-FSA201 Datasheet
555Kb / 21P
   USB2.0 Full-Speed and Audio Switches
June 2012 Rev. 1.2.2
logo
Fairchild Semiconductor
FSA201L10X FAIRCHILD-FSA201L10X Datasheet
1Mb / 21P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA201L10X ONSEMI-FSA201L10X Datasheet
555Kb / 21P
   USB2.0 Full-Speed and Audio Switches
June 2012 Rev. 1.2.2
logo
Fairchild Semiconductor
FSA201MUX FAIRCHILD-FSA201MUX Datasheet
1Mb / 21P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
More results

Descripción similar - FSA201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FSA201_0704 FAIRCHILD-FSA201_0704 Datasheet
1Mb / 21P
   USB2.0 Full-Speed and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_09 Datasheet
446Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_08 Datasheet
441Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223_12 Datasheet
707Kb / 16P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221_12 Datasheet
773Kb / 17P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA221 FAIRCHILD-FSA221 Datasheet
328Kb / 18P
   USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA201 ONSEMI-FSA201 Datasheet
555Kb / 21P
   USB2.0 Full-Speed and Audio Switches
June 2012 Rev. 1.2.2
FSA321 ONSEMI-FSA321 Datasheet
552Kb / 14P
   Audio Switches with Negative Signal Capability
March 2013 Rev 1.0.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com