Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M27C4002-90J1TR Datasheet(PDF) 6 Page - STMicroelectronics |
|
M27C4002-90J1TR Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 18 page M27C4002 6/18 Table 8B. Read Mode AC Characteristics (1) (TA = 0 to 70°C or –40 to 85°C; VCC = 5V ± 5% or 5V ± 10%; VPP =VCC) Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Sampled only, not 100% tested. Table 8C. Read Mode AC Characteristics (1) (TA = 0 to 70°C or –40 to 85°C; VCC = 5V ± 5% or 5V ± 10%; VPP =VCC) Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Sampled only, not 100% tested. Symbol Alt Parameter Test Condition M27C4002 Unit -80 -90 -10 Min Max Min Max Min Max tAVQV tACC Address Valid to Output Valid E =VIL,G =VIL 80 90 100 ns tELQV tCE Chip Enable Low to Output Valid G =VIL 80 90 100 ns tGLQV tOE Output Enable Low to Output Valid E =VIL 40 40 50 ns tEHQZ (2) tDF Chip Enable High to Output Hi-Z G =VIL 0300 30 0 30 ns tGHQZ (2) tDF Output Enable High to Output Hi-Z E =VIL 0300 30 0 30 ns tAXQX tOH Address Transition to Output Transition E =VIL,G =VIL 00 0 ns Symbol Alt Parameter Test Condition M27C4002 Unit -12 -15 -20 Min Max Min Max Min Max tAVQV tACC Address Valid to Output Valid E =VIL,G =VIL 120 150 200 ns tELQV tCE Chip Enable Low to Output Valid G =VIL 120 150 200 ns tGLQV tOE Output Enable Low to Output Valid E =VIL 60 60 70 ns tEHQZ (2) tDF Chip Enable High to Output Hi-Z G =VIL 0 400 50 080 ns tGHQZ (2) tDF Output Enable High to Output Hi-Z E =VIL 0 400 50 080 ns tAXQX tOH Address Transition to Output Transition E =VIL,G =VIL 000 ns |
Número de pieza similar - M27C4002-90J1TR |
|
Descripción similar - M27C4002-90J1TR |