Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M27C4002-60C1TR Datasheet(PDF) 4 Page - STMicroelectronics |
|
M27C4002-60C1TR Datasheet(HTML) 4 Page - STMicroelectronics |
4 / 18 page M27C4002 4/18 Standby Mode The M27C4002 has a standby mode which reduc- es the supply current from 50mA to 100µA. The M27C4002 is placed in the standby mode by ap- plyingaCMOS highsignal tothe E input. When in the standby mode, the outputs are in a high imped- ance state, independent of the G input. Two Line Output Control Because EPROMs are usually used in larger memory arrays, the product features a 2 line con- trol function which accommodates the use of mul- tiple memory connection. The two line control function allows: a. the lowest possible memory power dissipation, b. complete assurance that output bus contention will not occur. For the most efficient use of these two control lines, E should be decoded and used as the prima- ry device selecting function, while G should be made a common connection to all devices in the array and connected to the READ line from the system control bus. This ensures that all deselect- ed memory devices are in their low power standby mode and that the output pins are only active when data is required from a particular memory device. Table 5. AC Measurement Conditions High Speed Standard Input Rise and Fall Times ≤ 10ns ≤ 20ns Input Pulse Voltages 0 to 3V 0.4V to 2.4V Input and Output Timing Ref. Voltages 1.5V 0.8V and 2V Figure 3A. AC Testing Input Output Waveform AI01822 3V High Speed 0V 1.5V 2.4V Standard 0.4V 2.0V 0.8V Figure 4. AC Testing Load Circuit AI01823B 1.3V OUT CL CL = 30pF for High Speed CL = 100pF for Standard CL includes JIG capacitance 3.3k Ω 1N914 DEVICE UNDER TEST Table 6. Capacitance (1) (TA = 25 °C,f= 1 MHz) Note: 1. Sampled only, not 100% tested. Symbol Parameter Test Condition Min Max Unit CIN Input Capacitance VIN =0V 6pF COUT Output Capacitance VOUT =0V 12 pF |
Número de pieza similar - M27C4002-60C1TR |
|
Descripción similar - M27C4002-60C1TR |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |