Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74HC193D Datasheet(PDF) 9 Page - NXP Semiconductors |
|
74HC193D Datasheet(HTML) 9 Page - NXP Semiconductors |
9 / 13 page December 1990 9 Philips Semiconductors Product specification Presettable synchronous 4-bit binary up/down counter 74HC/HCT193 DC CHARACTERISTICS FOR 74HCT For the DC characteristics see “74HC/HCT/HCU/HCMOS Logic Family Specifications”. Output capability: standard ICC category: MSI Note to HCT types The value of additional quiescent supply current ( ∆ICC) for a unit load of 1 is given in the family specifications. To determine ∆ICC per input, multiply this value by the unit load coefficient shown in the table below. INPUT UNIT LOAD COEFFICIENT Dn CPU,CPD PL MR 0.35 1.40 0.65 1.05 |
Número de pieza similar - 74HC193D |
|
Descripción similar - 74HC193D |