Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD703101A Datasheet(PDF) 16 Page - NEC

No. de pieza UPD703101A
Descripción Electrónicos  32-Bit Single-Chip Microcontrollers
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD703101A Datasheet(HTML) 16 Page - NEC

Back Button UPD703101A Datasheet HTML 12Page - NEC UPD703101A Datasheet HTML 13Page - NEC UPD703101A Datasheet HTML 14Page - NEC UPD703101A Datasheet HTML 15Page - NEC UPD703101A Datasheet HTML 16Page - NEC UPD703101A Datasheet HTML 17Page - NEC UPD703101A Datasheet HTML 18Page - NEC UPD703101A Datasheet HTML 19Page - NEC UPD703101A Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 185 page
background image
CHAPTER 1 INTRODUCTION
User’s Manual U12197EJ6V0UM
16
1.3 Product Development
The V850 Series is part of the V800 Series and consists of single-chip microcontrollers using a RISC
microprocessor core.
The members of V850 Series are the V851
TM, V852TM, V853TM, V854TM, V850/SV1TM, V850/SA1TM, V850/SB1TM,
V850/SB2
TM, V850/SF1TM, V850/SC1TM, V850/SC2TM, and V850/SC3TM, which incorporate the V850 CPU, and the
V850E/MS1,
V850E/MS2,
V850E/MA1
TM, V850E/MA2TM, V850E/IA1TM, V850E/IA2TM, and V850E/xxx, which
incorporate the V850E CPU.
The versions incorporating the V850 CPU are single-chip microcontrollers for control, and the versions
incorporating the V850E CPU are single-chip microcontrollers that feature an enhanced bus interface and are suitable
for data processing in addition to control.
Moreover, the V850E CPU differs from the V850 in that it provides additional instructions mainly for high-level
languages,
such
as
C
language
switch
statement
processing,
table
lookup
branching,
stack
frame
generation/deletion, and data conversion. The instruction code is upwardly compatible at the object code level with
the V850 CPU, allowing the software resources contained in the V850 CPU to be used as is.
Figure 1-1. V850 Series Lineup
Performance
Year of development
ASSP
Internal flash
V851
Under development
V852
V850E/xxx
V854
V853
V850E/MS1
V850/SV1
V850/SA1
Ultra-low power
consumption
V850E/IA1
V850E CPU Core
V850 CPU Core
V850E/MA2
V850E/MA1
V850/SB1
3 V, low-power version
5 V, low-power version
with IEBusTM
5 V, low-power version
5 V, low-power version
with CAN
V850/SC2
V850/SC3
V850/SC1
5 V, low-power version with many pins
5 V, low-power version with
many pins and IEBus
5 V, low-power version with
many pins and CAN
High-
performance
3 V, low-power version with many pins
VCR servo control
Compact version
Compact version
Memory controller
added
Enhanced memory
controller and
support of SDRAM
Inverter control
with CAN
V850/SB2
V850/SF1
Compact version
V850E/MS2
V850E/IA2


Número de pieza similar - UPD703101A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD703101A-33 NEC-UPD703101A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703101AF1-33 NEC-UPD703101AF1-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703101AGJ-33 NEC-UPD703101AGJ-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703101AGJ-33-XXX-UEN RENESAS-UPD703101AGJ-33-XXX-UEN Datasheet
759Kb / 87P
   MOS INTEGRATED CIRCUIT
1999
UPD703101AGJ-33-XXX-UEN-A RENESAS-UPD703101AGJ-33-XXX-UEN-A Datasheet
759Kb / 87P
   MOS INTEGRATED CIRCUIT
1999
More results

Descripción similar - UPD703101A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com