Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2860 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADN2860
Descripción Electrónicos  3-Channel Digital Potentiometer with Nonvolatile Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2860 Datasheet(HTML) 5 Page - Analog Devices

  ADN2860 Datasheet HTML 1Page - Analog Devices ADN2860 Datasheet HTML 2Page - Analog Devices ADN2860 Datasheet HTML 3Page - Analog Devices ADN2860 Datasheet HTML 4Page - Analog Devices ADN2860 Datasheet HTML 5Page - Analog Devices ADN2860 Datasheet HTML 6Page - Analog Devices ADN2860 Datasheet HTML 7Page - Analog Devices ADN2860 Datasheet HTML 8Page - Analog Devices ADN2860 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADN2860
Rev. A | Page 5 of 20
ELECTRICAL CHARACTERISTICS
Single Supply: VDD = 3 V to 5.5 V and −40°C < TA < +85°C, unless otherwise noted.
Dual Supply: VDD = +2.25 V or +2.75 V, VSS = −2.25 V or −2.75 V, and −40°C < TA < +85°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS 2, 3
Bandwidth −3 dB
BW
VDD/VSS = ±2.5 V, RAB = 25 kΩ/250 kΩ.
125/12
kHz
Total Harmonic Distortion
THDW
VA = 1 V rms, VB = 0 V, f = 1 kHz.
0.05
%
VW Settling Time
tS
VA = VDD, VB = 0 V,
VW = 0.50% error band,
code = 0x000 to 0x100, RAB = 25 kΩ/250 kΩ.
4/36
µs
Resistor Noise Spectral Density
eN_WB
RAB = 25 kΩ/250 kΩ, TA = 25°C.
14/45
nV√Hz
Digital Crosstalk
CT
VA = VDD, VB = 0 V, measure VW with
adjacent RDAC making full-scale
change.
−80
dB
Analog Crosstalk
CAT
Signal input at A0 and measure output
at W1, f = 1 kHz.
−72
dB
INTERFACE TIMING CHARACTERISTICS (Apply
to All Parts)4, 5
SCL Clock Frequency
fSCL
400
kHz
tBUF Bus Free Time between Stop and Start
t1
1.3
µs
tHD;STA Hold Time (Repeated Start)
t2
After this period, the first clock pulse is
generated.
600
ns
tLOW Low Period of SCL Clock
t3
1.3
µs
tHIGH High Period of SCL Clock
t4
0.6
50
µs
tSU;STA Setup Time for Start Condition
t5
600
ns
tHD;DAT Data Hold Time
t6
900
ns
tSU;DAT Data Setup Time
t7
100
ns
tR Rise Time of Both SDA and SCL Signals
t8
300
ns
tF Fall Time of Both SDA and SCL Signals
t9
300
ns
tSU;STO Setup Time for Stop Condition
t10
600
ns
EEMEM Data Storing Time
tEEMEM_STORE
26
ms
EEMEM Data Restoring Time at Power-On
tEEMEM_RESTORE1
360
µs
EEMEM Data Restoring Time on Restore
tEEMEM_RESTORE2
360
µs
Command or Reset Operation
EEMEM Data Rewritable Time
tEEMEM_REWRITE
540
µs
FLASH/EE MEMORY RELIABILITY
Endurance6
100
kcycles
Data Retention7
55°C.
100
years
1 Typical represents average readings at 25°C, VDD = 5 V.
2 All dynamic characteristics use VDD = 5 V.
3 Guaranteed by design and not subject to production test.
4 Bandwidth, noise, and settling time are dependent on the terminal resistance value chosen. The lowest R value results in the fastest settling time and highest
bandwidth. The highest R value results in the minimum overall power consumption.
5 See Figure 2 for the location of measured values.
6 Endurance is qualified to 100,000 cycles as per JEDEC Std. 22 Method A117 and measured at −40°C, +25°C, and +85°C. Typical endurance at 25°C is 700,000 cycles.
7 Retention lifetime equivalent at junction temperature (TJ) = 55°C as per JEDEC Std. 22, Method A117. Retention lifetime based on an activation energy of 0.6 eV
derates with junction temperature.


Número de pieza similar - ADN2860

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
More results

Descripción similar - ADN2860

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5255 AD-AD5255_15 Datasheet
463Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
AD5255 AD-AD5255 Datasheet
626Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. 0
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com