Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPD703102A Datasheet(PDF) 36 Page - NEC

No. de pieza UPD703102A
Descripción Electrónicos  32-Bit Single-Chip Microcontrollers
Download  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD703102A Datasheet(HTML) 36 Page - NEC

Back Button UPD703102A Datasheet HTML 32Page - NEC UPD703102A Datasheet HTML 33Page - NEC UPD703102A Datasheet HTML 34Page - NEC UPD703102A Datasheet HTML 35Page - NEC UPD703102A Datasheet HTML 36Page - NEC UPD703102A Datasheet HTML 37Page - NEC UPD703102A Datasheet HTML 38Page - NEC UPD703102A Datasheet HTML 39Page - NEC UPD703102A Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 185 page
background image
CHAPTER 4 ADDRESS SPACE
User’s Manual U12197EJ6V0UM
36
4.2.2 Operand address
When an instruction is executed, the register or memory area to be accessed is specified in one of the following
four addressing modes.
(1) Register addressing
The general-purpose register (or system register) specified in the general-purpose register specification field is
accessed as the operand. This addressing mode applies to instructions using the operand format reg1, reg2, or
regID.
(2) Immediate addressing
The 5-bit or 16-bit data for manipulation is contained directly in the instruction. This addressing mode applies to
instructions using the operand format imm5, imm16, vector, or cccc.
Remark vector:
An operand that is 5-bit immediate data that specifies the trap vector (00H to 1FH), and is
used by the TRAP instruction.
cccc:
An operand consisting of 4-bit data used by the SETF and CMOV instructions to specify the
condition code.
Assigned as part of the instruction code as 5-bit immediate data by
appending a 1-bit 0 above the highest bit.
(3) Based addressing
The following two types of based addressing are supported.
(a) Type 1
The address of the data memory location to be accessed is determined by adding the value in the specified
general-purpose register to the 16-bit displacement value contained in the instruction.
This addressing
mode applies to instructions using the operand format disp16 [reg1].
Figure 4-5. Based Addressing (Type 1)
31
reg1
0
Memory to be manipulated
31
16 15
disp16
0
Sign extension


Número de pieza similar - UPD703102A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD703102A-33 NEC-UPD703102A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703102AF1-33 NEC-UPD703102AF1-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703102AGJ-33 NEC-UPD703102AGJ-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD703102AGJ-33-XXX-UEN RENESAS-UPD703102AGJ-33-XXX-UEN Datasheet
759Kb / 87P
   MOS INTEGRATED CIRCUIT
1999
UPD703102AGJ-33-XXX-UEN-A RENESAS-UPD703102AGJ-33-XXX-UEN-A Datasheet
759Kb / 87P
   MOS INTEGRATED CIRCUIT
1999
More results

Descripción similar - UPD703102A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD70F3212 NEC-UPD70F3212 Datasheet
4Mb / 861P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com