Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUK9523-75A Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza BUK9523-75A
Descripción Electrónicos  TrenchMOS??logic level FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9523-75A Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK9523-75A Datasheet HTML 1Page - NXP Semiconductors BUK9523-75A Datasheet HTML 2Page - NXP Semiconductors BUK9523-75A Datasheet HTML 3Page - NXP Semiconductors BUK9523-75A Datasheet HTML 4Page - NXP Semiconductors BUK9523-75A Datasheet HTML 5Page - NXP Semiconductors BUK9523-75A Datasheet HTML 6Page - NXP Semiconductors BUK9523-75A Datasheet HTML 7Page - NXP Semiconductors BUK9523-75A Datasheet HTML 8Page - NXP Semiconductors BUK9523-75A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Philips Semiconductors
BUK9523-75A; BUK9623-75A
TrenchMOS™ logic level FET
Product specification
Rev. 01 — 10 October 2000
5 of 15
9397 750 07582
© Philips Electronics N.V. 2000. All rights reserved.
8.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID = 0.25 mA; VGS =0V
Tj =25 °C75
−−
V
Tj = −55 °C70
−−
V
VGS(th)
gate-source threshold voltage ID = 1 mA; VDS =VGS;
Figure 9
Tj =25 °C
1
1.5
2
V
Tj = 175 °C
0.5
−−
V
Tj = −55 °C
−−
2.3
V
IDSS
drain-source leakage current
VDS = 75 V; VGS =0V
Tj =25 °C
0.05
10
µA
Tj = 175 °C
−−
500
µA
IGSS
gate-source leakage current
VGS = ±10 V; VDS =0V
2
100
nA
RDSon
drain-source on-state
resistance
VGS =5V; ID =25A;
Figure 7 and 8
Tj =25 °C
18
23
m
Tj = 175 °C
−−
49
m
VGS = 4.5 V; ID =25A;
−−
26
m
Tj =25 °C
VGS =10V; ID =25A;
Tj =25 °C
17
22
m
Dynamic characteristics
Ciss
input capacitance
VGS =0V; VDS =25V;
f = 1 MHz; Figure 12
2340
3120
pF
Coss
output capacitance
319
383
pF
Crss
reverse transfer capacitance
215
295
pF
td(on)
turn-on delay time
VDD = 30 V; RL = 1.2 Ω;
VGS =5V; RG =10 Ω;
24
ns
tr
rise time
141
ns
td(off)
turn-off delay time
142
ns
tf
fall time
108
ns
Ld
internal drain inductance
from drain lead 6mm from
package to centre of die
4.5
nH
from contact screw on
mounting base to centre of
die SOT78
3.5
nH
from upper edge of drain
mounting base to centre of
die SOT404
2.5
nH
Ls
internal source inductance
from source lead to source
bond pad
7.5
nH


Número de pieza similar - BUK9523-75A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
BUK9523-75A ISC-BUK9523-75A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9523-75A NEXPERIA-BUK9523-75A Datasheet
337Kb / 15P
   N-channel TrenchMOS logic level FET
Rev. 02 - 17 February 2011
More results

Descripción similar - BUK9523-75A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
logo
List of Unclassifed Man...
BUK9E06-55A ETC-BUK9E06-55A Datasheet
115Kb / 16P
   TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com