Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM5033AL Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

No. de pieza SM5033AL
Descripción Electrónicos  IR DEODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMHOP [SamHop Microelectronics Corp.]
Página de inicio  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5033AL Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SM5033AL Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5033AL Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5033AL Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5033AL Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5033AL Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5033AL Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5033AL Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5033AL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Symbol
PIN DESCRIPTION
Pin Number
FUNCTION DESCRIPTION
(1) Oscillating Circuit
A stable oscillator is constructed by parallely connecting R and C between the
built-in oscillating circuit and VSS.
OSC
R
C
OSC
R : 39K 5%
C : 1000P 5%
+
_
+
_
Page 2
Figure 1
VSS
RXIN
HP1 ~ HP5
CP1 ~ CP2
SP1 ~ SP5
CODE2
CODE3
OSC
VCC
SM5033A
SM5033AL
1
2
3 ~ 7
8 ~ 9
10 ~ 12
13
14
15
16
8 ~ 12
I/O
-
I
O
O
O
I
I
I/O
-
Description
Negative Power Supply
Remote signal in
HP Control signal output
CP Control signal output
SP Control signal output
Custom code setting
RC oscillating circuit input port
VER 1.0,NOV. 2000
Positive Power Supply
SM5033A/AL
SAMHOP Microelectronics Corp.
三合微科股份有限公司
IR DEODER


Número de pieza similar - SM5033AL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Datatronic Distribution...
SM503 DATATRONICS-SM503 Datasheet
83Kb / 1P
   SM503 SERIES SURFACE MOUNT COMMON MODE CHOKE
SM503-105 DATATRONICS-SM503-105 Datasheet
86Kb / 1P
   SURFACE MOUNT COMMON MODE CHOKE
SM503-105 DATATRONICS-SM503-105 Datasheet
83Kb / 1P
   SM503 SERIES SURFACE MOUNT COMMON MODE CHOKE
SM503-113 DATATRONICS-SM503-113 Datasheet
86Kb / 1P
   SURFACE MOUNT COMMON MODE CHOKE
SM503-113 DATATRONICS-SM503-113 Datasheet
83Kb / 1P
   SM503 SERIES SURFACE MOUNT COMMON MODE CHOKE
More results

Descripción similar - SM5033AL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
KME-M002C KODENSHI-KME-M002C Datasheet
96Kb / 1P
   IR Sensor
logo
Axiomtek Co., Ltd.
DSA-132 AXIOMTEK-DSA-132 Datasheet
235Kb / 1P
   IR touchscreen
logo
KODENSHI_AUK CORP.
KME-M002C KODENSHI-KME-M002C_07 Datasheet
150Kb / 2P
   IR Sensor
logo
OSRAM GmbH
SFH4787S OSRAM-SFH4787S Datasheet
592Kb / 12P
   IR OSLUX
logo
List of Unclassifed Man...
QBLP651-IR3 ETC1-QBLP651-IR3 Datasheet
503Kb / 9P
   IR LED
logo
Roithner LaserTechnik G...
C2021-B1 ROITHNER-C2021-B1 Datasheet
139Kb / 1P
   IR-LASERMODULE
C2021-C1 ROITHNER-C2021-C1 Datasheet
139Kb / 1P
   IR-LASERMODULE
logo
Infineon Technologies A...
IRFP250MPBF INFINEON-IRFP250MPBF Datasheet
1Mb / 9P
   IR MOSFET?
05/28/2020
logo
Zilog, Inc.
Z86C72 ZILOG-Z86C72 Datasheet
364Kb / 71P
   IR MICROCONTROLLER
logo
List of Unclassifed Man...
QBLP613-IR1 ETC1-QBLP613-IR1 Datasheet
393Kb / 9P
   IR LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com