Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M27C4002-20J1TR Datasheet(PDF) 5 Page - STMicroelectronics |
|
M27C4002-20J1TR Datasheet(HTML) 5 Page - STMicroelectronics |
5 / 18 page 5/18 M27C4002 Table 7. Read Mode DC Characteristics (1) (TA = 0 to 70°C or –40 to 85°C; VCC = 5V ± 5% or 5V ± 10%; VPP =VCC) Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Maximum DC voltage on Output is VCC +0.5V. Table 8A. Read Mode AC Characteristics (1) (TA = 0 to 70°C or –40 to 85°C; VCC = 5V ± 5% or 5V ± 10%; VPP =VCC) Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP. 2. Sampled only, not 100% tested. 3. Speed obtained with High Speed AC measurement conditions. Symbol Parameter Test Condition Min Max Unit ILI Input Leakage Current 0V ≤ VIN ≤ VCC ±10 µA ILO Output Leakage Current 0V ≤ VOUT ≤ VCC ±10 µA ICC Supply Current E =VIL,G =VIL, IOUT = 0mA, f = 10MHz 70 mA E =VIL,G =VIL, IOUT = 0mA, f = 5MHz 50 mA ICC1 Supply Current (Standby) TTL E =VIH 1mA ICC2 Supply Current (Standby) CMOS E >VCC – 0.2V 100 µA IPP Program Current VPP =VCC 10 µA VIL Input Low Voltage –0.3 0.8 V VIH (2) Input High Voltage 2 VCC +1 V VOL Output Low Voltage IOL = 2.1mA 0.4 V VOH Output High Voltage TTL IOH = –400µA 2.4 V Output High Voltage CMOS IOH = –100µA VCC – 0.7V V Symbol Alt Parameter Test Condition M27C4002 Unit -45 (3) -60 (3) -70 Min Max Min Max Min Max tAVQV tACC Address Valid to Output Valid E =VIL,G =VIL 45 60 70 ns tELQV tCE Chip Enable Low to Output Valid G =VIL 45 60 70 ns tGLQV tOE Output Enable Low to Output Valid E =VIL 25 30 35 ns tEHQZ (2) tDF Chip Enable High to Output Hi-Z G =VIL 0300 30030 ns tGHQZ (2) tDF Output Enable High to Output Hi-Z E =VIL 0300 30030 ns tAXQX tOH Address Transition to Output Transition E =VIL,G =VIL 00 0 ns |
Número de pieza similar - M27C4002-20J1TR |
|
Descripción similar - M27C4002-20J1TR |