Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC4002 Datasheet(PDF) 5 Page - NXP Semiconductors

No. de pieza 74HC4002
Descripción Electrónicos  Dual 4-input NOR gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4002 Datasheet(HTML) 5 Page - NXP Semiconductors

  74HC4002 Datasheet HTML 1Page - NXP Semiconductors 74HC4002 Datasheet HTML 2Page - NXP Semiconductors 74HC4002 Datasheet HTML 3Page - NXP Semiconductors 74HC4002 Datasheet HTML 4Page - NXP Semiconductors 74HC4002 Datasheet HTML 5Page - NXP Semiconductors 74HC4002 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
December 1990
5
Philips Semiconductors
Product specification
Dual 4-input NOR gate
74HC/HCT4002
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Out put capability: standard
ICC category: SSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH propagation delay
nA, nB, nC, nD to nY
30
11
9
100
20
17
125
25
21
150
30
26
ns
2.0
4.5
6.0
Fig.7
tTHL/ tTLH
output transition time
19
7
6
75
15
13
95
19
16
110
22
19
ns
2.0
4.5
6.0
Fig.7


Número de pieza similar - 74HC4002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nexperia B.V. All right...
74HC4002 NEXPERIA-74HC4002 Datasheet
221Kb / 11P
   Dual 4-input NOR gate
Rev. 7 - 13 September 2021
74HC4002 NEXPERIA-74HC4002 Datasheet
765Kb / 15P
   Dual 4-input NOR gate
Rev. 5 - 26 May 2016
74HC4002-Q100 NEXPERIA-74HC4002-Q100 Datasheet
717Kb / 14P
   Dual 4-input NOR gate
74HC4002-Q100 NEXPERIA-74HC4002-Q100 Datasheet
716Kb / 14P
   Dual 4-input NOR gate
Rev. 1 - 18 July 2012
74HC4002D NEXPERIA-74HC4002D Datasheet
221Kb / 11P
   Dual 4-input NOR gate
Rev. 7 - 13 September 2021
More results

Descripción similar - 74HC4002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
HCF4002B STMICROELECTRONICS-HCF4002B_01 Datasheet
131Kb / 7P
   DUAL 4-INPUT NOR GATE
logo
System Logic Semiconduc...
SL4002B SLS-SL4002B Datasheet
30Kb / 4P
   Dual 4-Input NOR Gate
logo
Toshiba Semiconductor
TC74HC4002AP TOSHIBA-TC74HC4002AP Datasheet
177Kb / 4P
   DUAL 4-INPUT NOR GATE
logo
NXP Semiconductors
HEF4002B PHILIPS-HEF4002B Datasheet
24Kb / 3P
   Dual 4-input NOR gate
January 1995
logo
Nexperia B.V. All right...
74HC4002-Q100 NEXPERIA-74HC4002-Q100 Datasheet
717Kb / 14P
   Dual 4-input NOR gate
74HCT4002-Q100 NEXPERIA-74HCT4002-Q100 Datasheet
716Kb / 14P
   Dual 4-input NOR gate
Rev. 1 - 18 July 2012
logo
STMicroelectronics
M54HC4002 STMICROELECTRONICS-M54HC4002 Datasheet
233Kb / 9P
   DUAL 4 INPUT NOR GATE
logo
Hitachi Semiconductor
HD14002B HITACHI-HD14002B Datasheet
49Kb / 4P
   Dual 4-input NOR Gate
logo
Nexperia B.V. All right...
74HC4002 NEXPERIA-74HC4002 Datasheet
221Kb / 11P
   Dual 4-input NOR gate
Rev. 7 - 13 September 2021
HEF4002B NEXPERIA-HEF4002B Datasheet
714Kb / 11P
   Dual 4-input NOR gate
Rev. 4 - 17 October 2016
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com