Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74HC40105DB Datasheet(PDF) 4 Page - NXP Semiconductors |
|
74HC40105DB Datasheet(HTML) 4 Page - NXP Semiconductors |
4 / 25 page 1998 Jan 23 4 Philips Semiconductors Product specification 4-bit x 16-word FIFO register 74HC/HCT40105 INPUT AND OUTPUTS Data inputs (D0 to D3) As there is no weighting of the inputs, any input can be assigned as the MSB. The size of the FIFO memory can be reduced from the 4 × 16 configuration, i.e. 3 × 16, down to 1 × 16, by tying unused data input pins to VCC or GND. Data outputs (Q0 to Q3) As there is no weighting of the outputs, any output can be assigned as the MSB. The size of the FIFO memory can be reduced from the 4 × 16 configuration as described for data inputs. In a reduced format, the unused data outputs pins must be left open circuit. Master-reset (MR) When MR is HIGH, the control functions within the FIFO are cleared, and date content is declared invalid. The data-in ready (DIR) flag is set HIGH and the data-out-ready (DOR) flag is set LOW. The output stage remains in the state of the last word that was shifted out, or in the random state existing at power-up. Status flag outputs (DIR, DOR) Indication of the status of the FIFO is given by two status flags, data-in-ready (DIR) and data-out-ready (DOR): DIR = HIGH indicates the input stage is empty and ready to accept valid data; DIR = LOW indicates that the FIFO is full or that a previous shift-in operation is not complete (busy); DOR = HIGH assures valid data is present at the outputs Q0 to Q3 (does not indicate that new data is awaiting transfer into the output stage); DOR = LOW indicates the output stage is busy or there is no valid data. Shift-in control (SI) Data is loaded into the input stage on a LOW-to-HIGH transition of SI. It also triggers an automatic data transfer process (ripple through). If SI is held HIGH during reset, data will be loaded at the falling edge of the MR signal. Shift-out control (SO) A HIGH-to-LOW transition of SO causes the DOR flags to go LOW. A HIGH-to-LOW transition of SO causes upstream data to move into the output stage, and empty locations to move towards the input stage (bubble-up). Output enable (OE) The outputs Q0 to Q3 are enabled when OE = LOW. When OE = HIGH the outputs are in the high impedance OFF-state. FUNCTIONAL DESCRIPTION Data input Following power-up, the master-reset (MR) input is pulsed HIGH to clear the FIFO memory (see Fig.8). The data-in-ready flag (DIR = HIGH) indicates that the FIFO input stage is empty and ready to receive data. When DIR is valid (HIGH), data present at D0 to D3 can be shifted-in using the SI control input. With SI = HIGH, data is shifted into the input stage and a busy indication is given by DIR going LOW. The data remains at the first location in the FIFO until DIR is set to HIGH and data moves through the FIFO to the output stage, or to the last empty location. If the FIFO is not full after the SI pulse, DIR again becomes valid (HIGH) to indicate that space is available in the FIFO. The DIR flag remains LOW if the FIFO is full (see Fig.6). The SI use must be made LOW in order to complete the shift-in process. With the FIFO full, SI can be held HIGH until a shift-out (SO) pulse occurs. Then, following a shift-out of data, an empty location appears at the FIFO input and DIR goes HIGH to allow the next data to be shifted-in. This remains at the first FIFO location until SI goes LOW (see Fig.7). Data transfer After data has been transferred from the input stage of the FIFO following SI = LOW, data moves through the FIFO asynchronously and is stacked at the output end of the register. Empty locations appear at the input end of the FIFO as data moves through the device. Data output The data-out-ready flag (DOR = HIGH) indicates that there is valid data at the output (Q0 to Q3). The initial master-reset at power-on (MR = HIGH) sets DOR to LOW (see Fig.8). After MR = LOW, data shifted into the FIFO moves through to the output stage causing DOR to go HIGH. As the DOR flag goes HIGH, data can be shifted-out using the SO = HIGH, data in the output stage is shifted out and a busy indication is given by DOR going LOW. When SO is made LOW, data moves through the FIFO to fill the output stage and an empty location appears at the input stage. When the output stage is filled DOR goes HIGH, but if the last of the valid data has been shifted-out leaving the FIFO empty the DOR flag remains LOW (see Fig.9). With the FIFO empty, the last word that was shifted-out is latched at the output Q0 to Q3. With the FIFO empty, the SO input can be held HIGH until the SI control input is used. Following an SI pulse, |
Número de pieza similar - 74HC40105DB |
|
Descripción similar - 74HC40105DB |