Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X0402ME Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza X0402ME
Descripción Electrónicos  SENSITINE GATE SCR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0402ME Datasheet(HTML) 6 Page - STMicroelectronics

  X0402ME Datasheet HTML 1Page - STMicroelectronics X0402ME Datasheet HTML 2Page - STMicroelectronics X0402ME Datasheet HTML 3Page - STMicroelectronics X0402ME Datasheet HTML 4Page - STMicroelectronics X0402ME Datasheet HTML 5Page - STMicroelectronics X0402ME Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image


Número de pieza similar - X0402ME

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
X0402MB STMICROELECTRONICS-X0402MB Datasheet
697Kb / 11P
   4 A Sensitive gate SCR in DPAK package
Rev 1 - September 2022
X0402MF STMICROELECTRONICS-X0402MF Datasheet
194Kb / 4P
   SENSITIVE GATE SCR
X0402MF STMICROELECTRONICS-X0402MF Datasheet
205Kb / 5P
   4A SCRS
logo
Inchange Semiconductor ...
X0402MF ISC-X0402MF Datasheet
123Kb / 1P
   Thyristors
logo
New Jersey Semi-Conduct...
X0402MF NJSEMI-X0402MF Datasheet
82Kb / 1P
   Highly sensitive triggering levels
More results

Descripción similar - X0402ME

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TS120F STMICROELECTRONICS-TS120F Datasheet
201Kb / 5P
   SENSITIVE GATE SCR
S0802XH STMICROELECTRONICS-S0802XH Datasheet
317Kb / 5P
   SENSITIVE GATE SCR
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
   SENSITIVE GATE SCR
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
   SENSITIVE GATE SCR
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
   SENSITIVE GATE SCR
logo
STMicroelectronics
X0203NA1BA2 STMICROELECTRONICS-X0203NA1BA2 Datasheet
62Kb / 5P
   SENSITIVE GATE SCR
S0402XH STMICROELECTRONICS-S0402XH Datasheet
60Kb / 5P
   SENSITIVE GATE SCR
January 1995
logo
List of Unclassifed Man...
XL0102DA ETC1-XL0102DA Datasheet
78Kb / 2P
   SENSITIVE GATE SCR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com