Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC4052 Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74HC4052
Descripción Electrónicos  Dual 4-channel analog multiplexer/demultiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4052 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC4052 Datasheet HTML 3Page - NXP Semiconductors 74HC4052 Datasheet HTML 4Page - NXP Semiconductors 74HC4052 Datasheet HTML 5Page - NXP Semiconductors 74HC4052 Datasheet HTML 6Page - NXP Semiconductors 74HC4052 Datasheet HTML 7Page - NXP Semiconductors 74HC4052 Datasheet HTML 8Page - NXP Semiconductors 74HC4052 Datasheet HTML 9Page - NXP Semiconductors 74HC4052 Datasheet HTML 10Page - NXP Semiconductors 74HC4052 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
2004 Nov 11
7
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer,
demultiplexer
74HC4052; 74HCT4052
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
74HC4052
74HCT4052
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
supply voltage
see Figs 7 and 8
VCC − GND
2.0
5.0
10.0
4.5
5.0
5.5
V
VCC − VEE
2.0
5.0
10.0
2.0
5.0
10.0
V
VI
input voltage
GND
VCC
GND
VCC
V
VS
switch voltage
VEE
VCC
VEE
VCC
V
Tamb
operating ambient
temperature
see DC and AC
characteristics per
device
−40
+25
+85
−40
+25
+85
°C
−40
+125
−40
+125
°C
tr, tf
input rise and fall times
VCC = 2.0 V
6.0
1000
6.0
500
ns
VCC = 4.5 V
6.0
500
6.0
500
ns
VCC = 6.0 V
6.0
400
6.0
500
ns
VCC = 10.0 V
6.0
250
6.0
500
ns
handbook, halfpage
04
12
12
0
4
8
8
MNB044
operating area
VCC − GND
(V)
VCC − VEE (V)
Fig.7
Guaranteed operating area as a function of
the supply voltages for 74HC4052.
handbook, halfpage
0
12
6
10
8
2
4
04
12
8
MNB045
operating area
VCC − GND
(V)
VCC − VEE (V)
Fig.8
Guaranteed operating area as a function of
the supply voltages for 74HCT4052.


Número de pieza similar - 74HC4052

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC4052 PHILIPS-74HC4052 Datasheet
183Kb / 27P
   Dual 4-channel analog multiplexer, demultiplexer
2004 Nov 11
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
Nexperia B.V. All right...
74HC4052 NEXPERIA-74HC4052 Datasheet
374Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 14 - 9 February 2023
74HC4052-Q100 NEXPERIA-74HC4052-Q100 Datasheet
891Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
74HC4052-Q100 NEXPERIA-74HC4052-Q100 Datasheet
340Kb / 25P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 3 - 27 February 2020
More results

Descripción similar - 74HC4052

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com