Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC4051N Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza 74HC4051N
Descripción Electrónicos  8-channel analog multiplexer/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4051N Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC4051N Datasheet HTML 1Page - NXP Semiconductors 74HC4051N Datasheet HTML 2Page - NXP Semiconductors 74HC4051N Datasheet HTML 3Page - NXP Semiconductors 74HC4051N Datasheet HTML 4Page - NXP Semiconductors 74HC4051N Datasheet HTML 5Page - NXP Semiconductors 74HC4051N Datasheet HTML 6Page - NXP Semiconductors 74HC4051N Datasheet HTML 7Page - NXP Semiconductors 74HC4051N Datasheet HTML 8Page - NXP Semiconductors 74HC4051N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
December 1990
2
Philips Semiconductors
Product specification
8-channel analog
multiplexer/demultiplexer
74HC/HCT4051
FEATURES
• Wide analog input voltage range: ± 5V.
• Low “ON” resistance:
80
Ω (typ.) at VCC − VEE = 4.5 V
70
Ω (typ.) at VCC − VEE = 6.0 V
60
Ω (typ.) at VCC − VEE = 9.0 V
• Logic level translation:
to enable 5 V logic to communicate with
± 5 V analog
signals
• Typical “break before make” built in
• Output capability: non-standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT4051 are high-speed Si-gate CMOS
devices and are pin compatible with the “4051” of the
“4000B” series. They are specified in compliance with
JEDEC standard no. 7A.
The 74HC/HCT4051 are 8-channel analog
multiplexers/demultiplexers with three digital select inputs
(S0 to S2), an active LOW enable input (E), eight
independent inputs/outputs (Y0 to Y7) and a common
input/output (Z).
With E LOW, one of the eight switches is selected (low
impedance ON-state) by S0 to S2. With E HIGH, all
switches are in the high impedance OFF-state,
independent of S0 to S2.
VCC and GND are the supply voltage pins for the digital
control inputs (S0 to S2, and E). The VCC to GND ranges
are 2.0 to 10.0 V for HC and 4.5 to 5.5 V for HCT. The
analog inputs/outputs (Y0 to Y7, and Z) can swing between
VCC as a positive limit and VEE as a negative limit.
VCC − VEE may not exceed 10.0 V.
For operation as a digital multiplexer/demultiplexer, VEE is
connected to GND (typically ground).
QUICK REFERENCE DATA
VEE = GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑{ (CL +CS )× VCC2 × fo } where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ {(CL +CS)× VCC2 × fo } = sum of outputs
CL = output load capacitance in pF
CS = max. switch capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPZH/ tPZL
turn “ON” time
CL = 15 pF; RL =1kΩ;
VCC =5V
E to Vos
22
22
ns
Sn to Vos
20
24
ns
tPHZ/ tPLZ
turn “OFF” time
E to Vos
18
16
ns
Sn to Vos
19
20
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per switch
notes 1 and 2
25
25
pF
CS
max. switch capacitance
independent (Y)
5
5
pF
common
(Z)
25
25
pF


Número de pieza similar - 74HC4051N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC4051N NXP-74HC4051N Datasheet
220Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 6-13 December 2011
74HC4051N NXP-74HC4051N Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC4051N PHILIPS-74HC4051N Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results

Descripción similar - 74HC4051N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com