Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FIN224AC Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FIN224AC
Descripción Electrónicos  USerDes 22-Bit Bi-Directional Serializer/Deserializer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN224AC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FIN224AC Datasheet HTML 3Page - Fairchild Semiconductor FIN224AC Datasheet HTML 4Page - Fairchild Semiconductor FIN224AC Datasheet HTML 5Page - Fairchild Semiconductor FIN224AC Datasheet HTML 6Page - Fairchild Semiconductor FIN224AC Datasheet HTML 7Page - Fairchild Semiconductor FIN224AC Datasheet HTML 8Page - Fairchild Semiconductor FIN224AC Datasheet HTML 9Page - Fairchild Semiconductor FIN224AC Datasheet HTML 10Page - Fairchild Semiconductor FIN224AC Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
©2006 Fairchild Semiconductor Corporation
7
www.fairchildsemi.com
FIN224AC Rev. 1.0.7
Serializer Operation Mode (Continued)
When operating in mode 3, the effective serial speed is divided by two. This
mode has been implemented to accommodate cases where the reference clock
frequency is high compared to the actual strobe frequency. The actual strobe
frequency must be less than or equal to 50% of the CKREF frequency for this
mode to work properly. This mode, in all other ways, operates the same as
described in the section where CKREF does not equal STROBE.
Figure 7. CKREF > 2x STROBE Frequency; Mode 3 Operation (S1 = S2 = 1)
A third method of serialization can be acheived by providing a free-running bit
clock on the CKSI signal. This mode is enabled by grounding the CKREF signal
and driving the DIRI signal HIGH. At power-up, the device is configured to accept
a serialization clock from CKSI. If a CKREF is received, this device enables the
CKREF serialization mode. The device remains in this mode even if CKREF is
stopped. To re-enable this mode, the device must be powered down and then
powered back up with a “logic 0” on CKREF.
Figure 8. Serializer Timing Diagram Using Provided Bit Clock (No CKREF)
No Data
WORD n-1
WORD n
DP[1:24]
WORD n-1
WORD n
WORD n+1
No Data
CKREF
DSO
b1 b2 b3 b4 b5 b6 b7
b22 b23 b24 b25 b26
b1 b2 b3
CKS0
STROBE
WORD n-1
WORD n-1
WORD n
No Data
No Data
DP[1:24]
DSO
CKS0
CKSI
STROBE
b1 b2 b3
b1 b2 b3
b4 b5 b6 b7
b22 b23 b24 b25 b26
WORD n+1
WORD n
Serializer Operation: (Figure 7),
MODE 3 (S1 = S2 = 1), DIRI = 1,
CKREF Divide by 2 mode
Serializer Operation: (Figure 8),
DIRI = 1, No CKREF


Número de pieza similar - FIN224AC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results

Descripción similar - FIN224AC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com