Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC423D Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza 74HC423D
Descripción Electrónicos  Dual retriggerable monostable multivibrator with reset
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC423D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC423D Datasheet HTML 3Page - NXP Semiconductors 74HC423D Datasheet HTML 4Page - NXP Semiconductors 74HC423D Datasheet HTML 5Page - NXP Semiconductors 74HC423D Datasheet HTML 6Page - NXP Semiconductors 74HC423D Datasheet HTML 7Page - NXP Semiconductors 74HC423D Datasheet HTML 8Page - NXP Semiconductors 74HC423D Datasheet HTML 9Page - NXP Semiconductors 74HC423D Datasheet HTML 10Page - NXP Semiconductors 74HC423D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
1998 Jul 08
7
Philips Semiconductors
Product specification
Dual retriggerable monostable
multivibrator with reset
74HC/HCT423
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard (except for nREXT/CEXT)
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆I
CC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr = tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
nA, nB
0.35
nRD
0.50
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS/
NOTES
+25
−40 to +85 −40 to +125
min. typ. max. min. max. min.
max.
tPHL/ tPLH
propagation delay
nA, nB to nQ, nQ
30
51
64
77
ns
4.5
CEXT = 0 pF;
REXT =5 kΩ
tPHL/ tPLH
propagation delay
nRD to nQ, nQ
26
48
60
72
ns
4.5
CEXT = 0 pF;
REXT =5 kΩ
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
tW
trigger pulse width
nA = LOW
20
5
25
30
ns
4.5
Fig.7
tW
trigger pulse width
nB = HIGH
20
5
25
30
ns
4.5
Fig.7
tW
reset pulse width
nRD = LOW
20
7
25
30
ns
4.5
Fig.8
tW
output pulse width
nQ = HIGH
nQ = LOW
450
−−
µs
5.0
CEXT = 100 nF;
REXT = 10 kΩ;
Figs 7 and 8
tW
output pulse width
nQ = HIGH
nQ = LOW
75
−−
ns
5.0
CEXT = 0 pF;
REXT =5 kΩ;
note 1; Figs 7 and
8
trt
retrigger time
nA, nB
110
−−
ns
5.0
CEXT = 0 pF;
REXT =5 kΩ;
note 2; Fig.7
REXT
external timing resistor
2
1000
−−
k
5.0
Fig.9
CEXT
external timing
capacitor
no limits
pF
5.0
Fig.9; note 3


Número de pieza similar - 74HC423D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC423D NXP-74HC423D Datasheet
158Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 03-24 July 2008
74HC423D NXP-74HC423D Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
logo
Nexperia B.V. All right...
74HC423D NEXPERIA-74HC423D Datasheet
764Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 7 - 11 February 2016
logo
NXP Semiconductors
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results

Descripción similar - 74HC423D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com